công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S71WS256JB0BAWTY0 bảng dữ liệu(PDF) 76 Page - SPANSION

tên linh kiện S71WS256JB0BAWTY0
Giải thích chi tiết về linh kiện  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256JB0BAWTY0 bảng dữ liệu(HTML) 76 Page - SPANSION

Back Button S71WS256JB0BAWTY0 Datasheet HTML 72Page - SPANSION S71WS256JB0BAWTY0 Datasheet HTML 73Page - SPANSION S71WS256JB0BAWTY0 Datasheet HTML 74Page - SPANSION S71WS256JB0BAWTY0 Datasheet HTML 75Page - SPANSION S71WS256JB0BAWTY0 Datasheet HTML 76Page - SPANSION S71WS256JB0BAWTY0 Datasheet HTML 77Page - SPANSION S71WS256JB0BAWTY0 Datasheet HTML 78Page - SPANSION S71WS256JB0BAWTY0 Datasheet HTML 79Page - SPANSION S71WS256JB0BAWTY0 Datasheet HTML 80Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 186 page
background image
74
S71WS-J Based MCPs
S71WS-J_04_A2 August 19, 2005
Pr elim inary
PPB Lock Bit Set Command
7KH 33% /RFN %LW 6HW FRPPDQG LV XVHG WR VHW WKH 33% /RFN ELW LI LW LV FOHDUHG HL
WKHU DW UHVHW RU LI WKH 3DVVZRUG 8QORFN FRPPDQG ZDV VXFFHVVIXOO\ H[HFXWHG
7KHUH LV QR 33% /RFN %LW &OHDUFRPPDQG2QFH WKH 33% /RFN %LW LVVHW LW FDQQRW
EH FOHDUHG XQOHVV WKH GHYLFH LV WDNHQ WKURXJK D SRZHURQ FOHDU RU WKH 3DVVZRUG
8QORFN FRPPDQG LV H[HFXWHG 8SRQ VHWWLQJ WKH 33% /RFN %LW WKH 33%V DUH
ODWFKHG LQWR WKH '3%V ,I WKH 3DVVZRUG 0RGH /RFNLQJ %LW LV VHW WKH 33% /RFN %LW
VWDWXV LV UHIOHFWHG DV VHW HYHQ DIWHU D SRZHURQ UHVHW F\FOH ([LWLQJ WKH 33% /RFN
%LW 6HW FRPPDQG LV DFFRPSOLVKHG E\ ZULWLQJ WKH 6HFXUHG 6LOLFRQ ([LW FRPPDQG
RQO\ ZKLOH LQWKH3HUVLVWHQW6HFWRU 3URWHFWLRQ 0RGH
DPB Write/Erase/Status Command
7KH '3% :ULWH FRPPDQG LV XVHG WR VHW RU FOHDU D '3% IRU D JLYHQ VHFWRU 7KH
KLJK RUGHU DGGUHVV ELWV $PD[±$ DUH LVVXHG DW WKH VDPH WLPH DV WKH FRGH
K RU K RQ '4'4 $OO RWKHU '4GDWDEXV SLQVDUH LJQRUHG GXULQJ WKH GDWD
ZULWH F\FOH 7KH '3%V DUH PRGLILDEOH DW DQ\ WLPH UHJDUGOHVV RI WKH VWDWH RI WKH
33% RU 33% /RFN %LW ,I WKH 33% LV VHW WKH VHFWRU LV SURWHFWHG UHJDUGOHVV RI WKH
YDOXH RI WKH '3% ,I WKH 33% LV FOHDUHG VHWWLQJ WKH '3% WR D  SURWHFWV WKH VHFWRU
IURP SURJUDPV RU HUDVHV 6LQFH WKLV LV D YRODWLOH ELW UHPRYLQJ SRZHU RU UHVHWWLQJ
WKH GHYLFH ZLOO FOHDU WKH '3%V 7KH SURJUDPPLQJ RI WKH '3% IRU D JLYHQ VHFWRU
FDQ EH YHULILHGE\ZULWLQJD'3% 6WDWXV FRPPDQG WR WKHGHYLFH([LWLQJ WKH'3%
:ULWH(UDVH FRPPDQG LV DFFRPSOLVKHG E\ ZULWLQJ WKH 5HDG5HVHW FRPPDQG ([
LWLQJ WKH '3% 6WDWXV FRPPDQG LV DFFRPSOLVKHG E\ ZULWLQJ WKH 6HFXUHG 6LOLFRQ
6HFWRU([LW FRPPDQG
Password Unlock Command
7KH 3DVVZRUG 8QORFN FRPPDQG LV XVHG WR FOHDU WKH 33% /RFN %LW VR WKDW WKH
33%VFDQ EHXQORFNHGIRUPRGLILFDWLRQWKHUHE\DOORZLQJWKH33%VWR EHFRPH DF
FHVVLEOH IRU PRGLILFDWLRQ 7KH H[DFW SDVVZRUG PXVW EH HQWHUHG LQ RUGHU IRU WKH
XQORFNLQJ IXQFWLRQ WR RFFXU 7KLV FRPPDQG FDQQRW EH LVVXHG DQ\ IDVWHU WKDQ  —V
DW D WLPH WR SUHYHQW D KDFNHU IURP UXQQLQJ WKURXJK WKH DOO ELW FRPELQDWLRQV
LQ DQ DWWHPSW WR FRUUHFWO\ PDWFK D SDVVZRUG ,I WKH FRPPDQG LV LVVXHG EHIRUH
WKH  —V H[HFXWLRQ ZLQGRZ IRU HDFK SRUWLRQ RI WKH XQORFN WKH FRPPDQG ZLOO EH
LJQRUHG
7KH 3DVVZRUG 8QORFN IXQFWLRQ LV DFFRPSOLVKHG E\ ZULWLQJ 3DVVZRUG 8QORFN FRP
PDQG DQG GDWD WR WKH GHYLFH WR SHUIRUP WKH FOHDULQJ RI WKH 33% /RFN %LW 7KH
SDVVZRUG LV  ELWV ORQJ VR WKH XVHU PXVW ZULWH WKH 3DVVZRUG 8QORFN FRPPDQG
 WLPHV $ DQG $ DUH XVHG IRU PDWFKLQJ :ULWLQJ WKH 3DVVZRUG 8QORFN FRP
PDQG LV QRW DGGUHVV RUGHU VSHFLILF 7KH ORZHU DGGUHVV $±$  WKH QH[W
3DVVZRUG 8QORFN FRPPDQG LV WR $±$  WKHQ WR $±$  DQG ILQDOO\ WR
$±$ 
2QFH WKH 3DVVZRUG 8QORFN FRPPDQG LV HQWHUHG IRU DOO IRXU ZRUGV WKH 5'< SLQ
JRHV /2: LQGLFDWLQJ WKDW WKH GHYLFH LV EXV\ $OVR UHDGLQJ WKH %DQN ' UHVXOWV LQ
WKH '4 SLQ WRJJOLQJ LQGLFDWLQJ WKDW WKH 3DVVZRUG 8QORFN IXQFWLRQ LV LQ
SURJUHVV 5HDGLQJ WKH RWKHU EDQN UHWXUQV DFWXDO DUUD\ GDWD $SSUR[LPDWHO\ —V
LVUHTXLUHGIRU HDFKSRUWLRQ RIWKHXQORFN 2QFHWKHILUVWSRUWLRQ RIWKHSDVVZRUG
XQORFN FRPSOHWHV 5'< LV QRW GULYHQ DQG '4 GRHV QRW WRJJOH ZKHQ UHDG  WKH
3DVVZRUG 8QORFN FRPPDQG LV LVVXHG DJDLQ RQO\ WKLV WLPH ZLWK WKH QH[W SDUW RI
WKH SDVVZRUG )RXU 3DVVZRUG 8QORFN FRPPDQGV DUH UHTXLUHG WR VXFFHVVIXOO\
FOHDU WKH 33% /RFN %LW $V ZLWK WKH ILUVW 3DVVZRUG 8QORFN FRPPDQG WKH 5'< VLJ
QDO JRHV /2: DQG UHDGLQJ WKH GHYLFH UHVXOWV LQ WKH '4 SLQ WRJJOLQJ RQ
VXFFHVVLYH UHDG RSHUDWLRQV XQWLO FRPSOHWH ,W LV WKH UHVSRQVLELOLW\ RI WKH PLFUR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com