| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS8853-14PI bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FS8853-14PI bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 13 page ![]() FS8853 300mA LDO Linear Regulator Fortune Semiconductor Co. TEL : +886-2-2809-4742 3/13 TD-0405006 Rev. 1.5 http://www.fsc.com.tw FAX: +886-2-2809-4874 P Piin n D Deessccrriip pttiioon n Part NO. Symbol Description GND Ground pin. IN Regulator input pin. FS8853-xxCA FS8853-xxCB FS8853-xxCC FS8853-xxCV FS8853-xxCD FS8853-xxCE FS8853-xxCF FS8853-xxCW FS8853-xxCK FS8853-xxCL FS8853-xxCI FS8853-xxCY OUT Regulator output pin. IN is the regulator input pin. Supply voltage can range from 2.5V to 9.0V. Bypass with a 1µF capacitor to GND. OUT is the output voltage pin. Sources up to 300mA. Bypass with a 3.3µF capacitor to GND. GND provides the reference for all voltages. F Fu un nccttiioon naall B Blloocck k D Diiaaggrraam m 1.25V Bandgap Reference Thermal Protection Current Limit R2 R1 Shutdown Logic IN GND OUT |