công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S71WS256JC0BAWTY0 bảng dữ liệu(PDF) 18 Page - SPANSION

tên linh kiện S71WS256JC0BAWTY0
Giải thích chi tiết về linh kiện  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256JC0BAWTY0 bảng dữ liệu(HTML) 18 Page - SPANSION

Back Button S71WS256JC0BAWTY0 Datasheet HTML 14Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 15Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 16Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 17Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 18Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 19Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 20Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 21Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 186 page
background image
16
S71WS-J Based MCPs
S71WS-J_04_A2 August 19, 2005
Pr elimi n ary
TLC080—80-ball Fine-Pitch Ball Grid Array (FBGA) 7 x 9 mm Package
3430 \ 16-038.22 \ 10.15.04
PACKAGE
TLC 080
JEDEC
N/A
D x E
9.00 mm x 7.00 mm
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.20
PROFILE
A1
0.17
---
---
BALL HEIGHT
A2
0.81
---
0.97
BODY THICKNESS
D
9.00 BSC.
BODY SIZE
E
7.00 BSC.
BODY SIZE
D1
7.20 BSC.
MATRIX FOOTPRINT
E1
5.60 BSC.
MATRIX FOOTPRINT
MD
10
MATRIX SIZE D DIRECTION
ME
8
MATRIX SIZE E DIRECTION
n
80
BALL COUNT
φb
0.35
0.40
0.45
BALL DIAMETER
eE
0.80 BSC.
BALL PITCH
eD
0.80 BSC
BALL PITCH
SD / SE
0.40 BSC.
SOLDER BALL PLACEMENT
DEPOPULATED SOLDER BALLS
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JESD 95-1, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE
"E" DIRECTION.
n IS THE NUMBER OF POPULTED SOLDER BALL POSITIONS
FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE
OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
9.
N/A
10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
C
0.08
0.20 C
A
E
B
C
0.15
(2X)
C
D
C
0.15
(2X)
INDEX MARK
6
b
TOP VIEW
SIDE VIEW
CORNER
80X
A1
A2
A
0.15
M C
MC
AB
0.08
PIN A1
J
K
E1
7
SE
A
D1
eD
DC
E
F
G
H
8
7
6
4
3
2
1
eE
5
B
PIN A1
CORNER
7
SD
BOTTOM VIEW
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com