công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AC01 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện AC01
Giải thích chi tiết về linh kiện  Cemented wirewound resitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

AC01 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  AC01 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC01 Datasheet HTML 2Page - List of Unclassifed Manufacturers AC01 Datasheet HTML 3Page - List of Unclassifed Manufacturers AC01 Datasheet HTML 4Page - List of Unclassifed Manufacturers AC01 Datasheet HTML 5Page - List of Unclassifed Manufacturers AC01 Datasheet HTML 6Page - List of Unclassifed Manufacturers AC01 Datasheet HTML 7Page - List of Unclassifed Manufacturers AC01 Datasheet HTML 8Page - List of Unclassifed Manufacturers AC01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2000 Oct 20
5
BCcomponents
Product specification
Cemented wirewound resistors
AC01/03/04/05/07/10/15/20
PULSE LOADING CAPABILITIES
How to generate the maximum allowed pulse-load from the graphs composed for wirewound resistors of the AC-types.
Single pulse condition; see Fig.3
1. If the applied pulse energy in Joules or Wattseconds is
known and also the R-value to be used in the
application; take the R-value on the X-axis and go
vertically to the curved line. From this point go
horizontally to the Y-axis, this point gives the maimum
allowed pulse energy in Joules/ohm or Wattsec./ohm.
By multiplying this figure with -value in use gives the
maximum allowed pulse-energy in Joules or Wattsec. If
this figure is higher than the applied pulse-energy the
application is allowed. Otherwise take one of the other
graphs belonging to AC-types with higher Pn.
2. If, contrary to the information above, the applied
peak-voltage and impulse times ti are known. Calculate
the pulse-energy (Ep) in Joules or Wattsec. by the use of
the following formula:
(Vp = peak voltage; ti =impulse-time)
By dividing this result with the Rn-value of the R in use,
gives the value Wattsec./ohm on the Y-axis. Draw a line
horizontally to the curved line and at the intersection
the vertical line to the X-axis gives the maximum
allowed Rn-value to be used in the application. If this
Rn-value is higher than the R-value to be used in the
application, the application is allowed. If not, take one
of the other graphs belonging to AC-types with higher Pn
or change the Rn-value to be used.
Repetitive pulse condition; see Fig.2
With these graphs we can determine the allowed
pulse-energy in Watts depending on the impulse- time ti and
the repetition time tp of the pulses. The parameter is the
Resistance Value. If the pulse shape is known (impulse-time
ti and repetition time tp), draw a line vertically from the
X-axis at the mentioned ti to the line of the involved R-value.
From the intersection the horizontal line to the Y- axis
indicates the maximum allowed pulse-load at a certain tp/ti.
If the vertical line from the X-axis crosses the applied tp/ti
before reaching the R-line, this tp/ti line gives the maximum
allowed pulse-energy at the Y-axis. If the applied
pulse-energy is known (in Watts) and the impulse-time ti
also, draw a line horizontally from the Y-axis to the crossing
with the pulse-line (ti) and find the possible R-value needed
in this application. The horizontal tp/ti lines give the
maximum allowed pulse-load till they reach the R-line, that
point indicates the maximum allowed impulse-time ti at the
horizontal axis.
Ep
Vp
2
R
----------
t
i
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24