công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSW2B bảng dữ liệu(PDF) 34 Page - Honeywell Solid State Electronics Center

tên linh kiện LSW2B
Giải thích chi tiết về linh kiện  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSW2B bảng dữ liệu(HTML) 34 Page - Honeywell Solid State Electronics Center

Back Button LSW2B Datasheet HTML 30Page - Honeywell Solid State Electronics Center LSW2B Datasheet HTML 31Page - Honeywell Solid State Electronics Center LSW2B Datasheet HTML 32Page - Honeywell Solid State Electronics Center LSW2B Datasheet HTML 33Page - Honeywell Solid State Electronics Center LSW2B Datasheet HTML 34Page - Honeywell Solid State Electronics Center LSW2B Datasheet HTML 35Page - Honeywell Solid State Electronics Center LSW2B Datasheet HTML 36Page - Honeywell Solid State Electronics Center LSW2B Datasheet HTML 37Page - Honeywell Solid State Electronics Center LSW2B Datasheet HTML 38Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
34 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
16,5
[.65]
25,4
[1.00]
39,0
[1.54]
44,5
[1.75]
74,9
[2.95]
15,2
[.60]
29,4
[1.16]
41,1
[1.62]
70,4
[2.77]
59,4
[2.34]
26,4
[1.04]
140
[5.50]
14,7
[.58]
39,6
[1.56]
21,6
[.850]
n6,35
[.25]
CONDUIT OPENING
LOCATION
LSK COIL SPRING SPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
2X 10-32 UNF
TAPPED FROM REAR ONLY
DIMS: MM
[IN]
MTG PADS
Figure 32. MICRO SWITCH HDLS LSK_ _-8C Series wobble
(single pole) dimensions
20,3
[.80]
36,6
[1.44]
39,0
[1.54]
44,4
[1.75]
29,4
[1.16]
41,1
[1.62]
70,4
[2.77]
59,4
[2.34]
26,4
[1.04]
75,8
[2.98]
15,2
[.60]
21,6
[.850]
Ø6,35
[.25]
39,6
[1.56]
14,7
[.58]
140
[5.50]
CONDUIT OPENING
LOCATION
LSK COIL SPRING SPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
Figure 33. MICRO SWITCH HDLS LSK_ _-8C Series wobble
(double pole) dimensions
21,3
[.84]
38,1
[1.50]
45.3
[1.78]
89,7
[3.53]
29,4
[1.16]
47,8
[1.88]
59,5
[2.34]
82,6
[3.25]
26,4
[1.04]
15,2
[.60]
140
[5.50]
14,7
[.58]
39,6
[1.56]
Ø6.35
[.25]
21,6
[.850]
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH
MTG PADS
LSK COIL WIRE DPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
CONDUIT OPENING
LOCATION
18,8
[.74]
26,4
[1.04]
38,1
[1.50]
45,3
[1.78]
89,7
[3.53]
15,2
[.60]
29,4
[1.16]
47,8
[1.88]
59,5
[2.34]
82,6
[3.25]
26,4
[1.04]
140
[5.50]
14,7
[.58]
39,6
[1.56]
Ø6,35
[.25]
21,6
[.850]
CONDUIT OPENING
LOCATION
LSJ SPRING WIRE DPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH
MTG PADS
SPDT Plug-in
(mm[in])
SPDT Non-plug-in
(mm[in])
DPDT Plug-in
(mm[in])
DPDT Non-plug-in
(mm[in])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38