công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSV2B bảng dữ liệu(PDF) 22 Page - Honeywell Solid State Electronics Center

tên linh kiện LSV2B
Giải thích chi tiết về linh kiện  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSV2B bảng dữ liệu(HTML) 22 Page - Honeywell Solid State Electronics Center

Back Button LSV2B Datasheet HTML 18Page - Honeywell Solid State Electronics Center LSV2B Datasheet HTML 19Page - Honeywell Solid State Electronics Center LSV2B Datasheet HTML 20Page - Honeywell Solid State Electronics Center LSV2B Datasheet HTML 21Page - Honeywell Solid State Electronics Center LSV2B Datasheet HTML 22Page - Honeywell Solid State Electronics Center LSV2B Datasheet HTML 23Page - Honeywell Solid State Electronics Center LSV2B Datasheet HTML 24Page - Honeywell Solid State Electronics Center LSV2B Datasheet HTML 25Page - Honeywell Solid State Electronics Center LSV2B Datasheet HTML 26Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
22 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Figure 12. MICRO SWITCH HDLS LSD Series (single pole) top
roller plunger dimensions
74,9
[2.95]
16,5
[.65]
25,4
[1.00]
39,1
[1.54]
44,4
[1.54]
21,6
[.85]
4,8
[.19]
14,7
[.58]
39,6
[1.56]
28,7
[1.13]
25,4
[1.00]
59,4
[2.34]
29,4
[1.16]
41,1
[1.62]
70,4
[2.77]
Ø12,7
[.50]
55,9
[2.20]
OPERATING
POINT
CONDUIT OPENING
LOCATION
LSD SPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
2X 10-32 UNF
TAPPED FROM REAR ONLY
MTG PADS
44,4
[1.75]
39,0
[1.54]
36,6
[1.44]
20,3
[.80]
75,8
[2.98]
4,8
[1.19]
21,6
[.85]
Ø12,7
[.50]
39,6
[1.56]
25,4
[1.00]
14,7
[.58]
55,9
[2.20]
OPERATING
POINT
28,7
[1.13]
70,4
[2.77]
59,4
[2.34]
29,4
[1.16]
41,1
[1.62]
CONDUIT OPENING
LOCATION
LSD SPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
DIMS: MM
[IN]
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
21,3
[.84]
26,4
[1.04]
45,3
[1.78]
89,7
[3.53]
21.46@21,6
[.85]
4,8
[1.19]
Ø12.7
[.50]
39,6
[1.56]
25,4
[1.00]
14,7
[.58]
55,9
[2,20]
OPERATING
POINT
28,7
[1.13]
82,6
[3.25]
59,5
[2.34]
29,4
[1.16]
47,8
[1.88]
CONDUIT OPENING
LOCATION
LSD DPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
DIMS: MM
[IN]
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH
21,3
[.84]
38,1
[1.50]
45,3
[1.78]
89,7
[3.53]
21,6
[.85]
4,8
[0.19]
39,6
[1.56]
25,4
[1.00]
14,7
[.58]
55,9
[2.20]
OPERATING
POINT
28,7
[1.13]
82,6
[3.25]
59,5
[2.34]
29,4
[1.16]
47,8
[1.88]
Ø12,7
[.50]
CONDUIT OPENING
LOCATION
LSD DPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
DIMS: MM
[IN]
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH
SPDT Plug-in (mm[in])
SPDT Non-plug-in (mm[in])
DPDT Plug-in (mm[in])
Figure 13. MICRO SWITCH HDLS LSD Series (double pole) top
roller plunger dimensions
DPDT Non-plug-in (mm[in])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38