| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADV7341EBZ bảng dữ liệu(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7341EBZ bảng dữ liệu(HTML) 15 Page - Analog Devices |
|
15 / 88 page ![]() ADV7340/ADV7341 Rev. 0 | Page 15 of 88 Y9 TO Y2/ Y9 TO Y0 Cb0 Y0 Cr0 Y1 b a a = 32 CLKCYCLES FOR 525p a = 24 CLKCYCLES FOR 625p AS RECOMMENDED BY STANDARD b(MIN) = 244 CLKCYCLES FOR 525p b(MIN) = 264 CLKCYCLES FOR 625p P_HSYNC P_VSYNC P_BLANK c Y OUTPUT c = PIPELINE DELAY. PLEASE REFER TO RELEVANT PIPELINE DELAY. THIS CAN BE FOUND IN THE DIGITAL TIMING SPECIFICATION SECTION OF THE DATA SHEET. A FALLING EDGE OF HSYNC INTO THE ENCODER GENERATES A SYNC FALLING EDGE ON THE OUTPUT AFTER A TIME EQUAL TO THE PIPELINE DELAY. Figure 15. ED-DDR, 8-/10-Bit, 4:2:2 YCrCb (HSYNC/VSYNC) Input Timing Diagram Y0 Y1 Y2 Y3 b a Cr2 Cb2 Cr0 Cb0 c Y OUTPUT P_HSYNC P_VSYNC P_BLANK Y9 TO Y2/ Y9 TO Y0 C9 TO C2/ C9 TO C0 a AND b AS PER RELEVANT STANDARD. c = PIPELINE DELAY. PLEASE REFER TO RELEVANT PIPELINE DELAY. THIS CAN BE FOUND IN THE DIGITAL TIMING SPECIFICATION SECTION OF THE DATA SHEET. A FALLING EDGE OF HSYNC INTO THE ENCODER GENERATES A FALLING EDGE OF TRI-LEVEL SYNC ON THE OUTPUT AFTER A TIME EQUAL TO THE PIPELINE DELAY. Figure 16. HD-SDR, 16-/20-Bit, 4:2:2 YCrCb (HSYNC/VSYNC) Input Timing Diagram |