công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADV7340EBZ bảng dữ liệu(PDF) 50 Page - Analog Devices

tên linh kiện EVAL-ADV7340EBZ
Giải thích chi tiết về linh kiện  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADV7340EBZ bảng dữ liệu(HTML) 50 Page - Analog Devices

Back Button EVAL-ADV7340EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 51Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 52Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 53Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 50 of 88
ED/HD TIMING RESET
Subaddress 0x34, Bit 0
An ED/HD timing reset is achieved by toggling the ED/HD
timing reset control bit (Subaddress 0x34, Bit 0) from 0 to 1.
In this state, the horizontal and vertical counters remain reset.
When this bit is set back to 0, the internal counters resume
counting. This timing reset applies to the ED/HD timing
counters only.
SD SUBCARRIER FREQUENCY LOCK, SUBCARRIER
PHASE RESET, AND TIMING RESET
Subaddress 0x84, Bits[2:1]
Together with the SFL/MISO pin and SD Mode Register 4
(Subaddress 0x84, Bits[2:1]), the ADV7340/ADV7341 can be used
in timing reset mode, subcarrier phase reset mode, or SFL mode.
Timing Reset (TR) Mode
In this mode (Subaddress 0x84, Bits[2:1] = 10), a timing reset is
achieved in a low-to-high transition on the SFL/MISO pin (Pin 48).
In this state, the horizontal and vertical counters remain reset.
Upon releasing this pin (set to low), the internal counters resume
counting, starting with Field 1, and the subcarrier phase is reset.
The minimum time the pin must be held high is one clock
cycle; otherwise, this reset signal might not be recognized. This
timing reset applies to the SD timing counters only.
Subcarrier Phase Reset (SCR) Mode
In this mode (Subaddress 0x84, Bits[2:1] = 01), a low-to-high
transition on the SFL/MISO pin (Pin 48) resets the subcarrier
phase to 0 on the field following the subcarrier phase reset. This
reset signal must be held high for a minimum of one clock cycle.
Because the field counter is not reset, it is recommended that
the reset signal be applied in Field 7 (PAL) or Field 3 (NTSC).
The reset of the phase then occurs on the next field, that is,
Field 1, lined up correctly with the internal counters. The field
count register at Subaddress 0xBB can be used to identify the
number of the active field.
Subcarrier Frequency Lock (SFL) Mode
In this mode (Subaddress 0x84, Bits[2:1] = 11), the ADV7340/
ADV7341 can be used to lock to an external video source. The
SFL mode allows the ADV7340/ADV7341 to automatically alter
the subcarrier frequency to compensate for line length
variations. When the part is connected to a device such as an
ADV7403 video decoder (see Figure 62) that outputs a digital
data stream in the SFL format, the part automatically changes to
the compensated subcarrier frequency on a line-by-line basis.
This digital data stream is 67 bits wide, and the subcarrier is
contained in Bit 0 to Bit 21. Each bit is two clock cycles long.
DISPLAY
NO TIMING RESET APPLIED
TIMING RESET APPLIED
START OF FIELD 4 OR 8
FSC PHASE = FIELD 4 OR 8
FSC PHASE = FIELD 1
TIMING RESET PULSE
307
310
307
12345
67
21
313
320
DISPLAY
START OF FIELD 1
Figure 60. SD Timing Reset Timing Diagram (Subaddress 0x84, Bits[2:1] = 10)
NO FSC RESET APPLIED
FSC PHASE = FIELD 4 OR 8
307
310
313
320
DISPLAY
START OF FIELD 4 OR 8
FSC RESET APPLIED
FSC RESET PULSE
FSC PHASE = FIELD 1
307
310
313
320
DISPLAY
START OF FIELD 4 OR 8
Figure 61. SD Subcarrier Phase Reset Timing Diagram (Subaddress 0x84, Bits[2:1] = 01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com