công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSR1E bảng dữ liệu(PDF) 5 Page - Honeywell Solid State Electronics Center

tên linh kiện LSR1E
Giải thích chi tiết về linh kiện  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSR1E bảng dữ liệu(HTML) 5 Page - Honeywell Solid State Electronics Center

  LSR1E Datasheet HTML 1Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 2Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 3Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 4Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 5Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 6Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 7Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 8Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Sensing and Internet of Things
5
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
HDLS Series Electrical Ratings:
10 A Continuous Carry
ac Volts; Pilot Duty: AC-15, A600/B600
Electrical
Rating
Circuitry
Vac
Amps at 0.35
Power Factor
Make
Amps at 0.35
Power Factor
Break
A*
AC-15,
A600
SPDT
DPDT
120
60
6
240
30
3
480
15
1.5
600
12
1.2
B
AC-15,
B600
D
120
30
3
240
15
1.5
480
7.5
0.75
600
6
0.60
D Gravity return (Model LSS..) and extra-low torque (Model
LST..)
HDLS Series Electrical Ratings:
dc Volts; Pilot Duty: DC-13, R300
Electrical
Rating
Circuitry
Vdc
Make & Break
Amps
Inductive
Make & Break
Amps
Resistive
A, B*
SPDT
DPDT
125
0.25
0.8
250
0.15
0.4
* For switches with an indicator light, use only at voltage stated
for indicator light.
MICRO SWITCH HDLS limit switches are capable of the follow-
ing low voltage dc loads
Circuitry
Vdc
Amps
Inductive
Amps
Resistive
SPDT
24
10
10
DPDT
24
10
10
ASSEMBLY MODIFICATIONS • ROTARY
Momentary action rotary switches can be furnished in other
than the normal assembled conditions. To specify modifica-
tions, add the numbers shown below to the catalog listings.
Modification number suffixes are:
1
Clockwise actuation only
2
Counterclockwise actuation only
3
Shaft to right of switch front
4
Shaft to left of switch front
5
Shaft to back of switch
7
Indicator light wired to NC circuit
For example,
Catalog listing LSA1A
23 is an LSA1A switch adjusted for coun-
terclockwise actuation only. The operating shaft is to the right
side of the switch when viewing it from the front (label side).
No lever.
Catalog listing LSA8A
7 is an LSA8A switch with the 240 volt
indicator light wired to the NC circuit. No lever.
PLUNGER ASSEMBLY MODIFICATIONS
Add the following modification numbers to the catalog listing
in the plunger switch:
3
Side plunger to right of switch front
4
Side plunger to left of switch front
5
Side plunger to back of switch
6
Roller on top plungers perpendicular to mounting sur-
face
7
Light on indicator versions wired to NC circuit
8
Roller on side plungers in vertical position
For example,
Catalog listing LSF1A
3 is an LSF1A switch with the side roller
plunger to the right side.
PLUG-IN VS. NON-PLUG-IN MODELS
Honeywell HDLS limit switches are offered in two styles: non-
plug-in design and plug-in design. With plug-in construction,
the wiring and conduit connection is made to the base recep-
tacle. This feature reduces downtime as the plug-in unit can
be removed and replaced without disconnecting the wiring or
conduit connections to the switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com