| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STTH120L04TV1 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH120L04TV1 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() Characteristics STTH120L04TV1 2/7 1 Characteristics When diodes 1 and 2 are used simultaneously: ∆ Tj(diode 1) = P(diode 1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c) To evaluate the conduction losses use the following equation: P = 0.8 x I F(AV) + 0.0033 IF 2 (RMS) Table 2. Thermal resistance Symbol Parameter Value (max). Unit Rth(j-c) Junction to case Per diode 0.74 °C/W Total 0.42 Rth(c) Coupling 0.1 Table 3. Static electrical characteristics (per diode) Symbol Parameter Test conditions Min. Typ Max. Unit IR (1) 1. Pulse test: tp = 5 ms, δ < 2% Reverse leakage current Tj = 25° C VR = VRRM 50 µA Tj = 125° C 50 500 VF (2) 2. Pulse test: tp = 380 µs, δ < 2% Forward voltage drop Tj = 25° C IF = 60 A 1.2 V Tj = 150° C 0.83 1.0 Table 4. Dynamic characteristics (per diode) Symbol Parameter Test conditions Min Typ Max Unit trr Reverse recovery time Tj = 25° C IF = 1 A dIF/dt = 50 A/µs VR = 30 V 66 90 ns IF = 1 A dIF/dt = 200 A/µs VR = 30 V 36 50 IRM Reverse recovery current Tj = 125° C IF = 60 A VR = 200 V dIF/dt = 100 A/µs 15 A Sfactor Softness factor Tj = 125° C IF = 60 A VR = 200 V dIF/dt = 100 A/µs 0.4 tfr Forward recovery time Tj = 25° C IF = 60 A dIF/dt = 200 A/µs VFR = 1.1 x VFmax 600 ns VFP Forward recovery voltage Tj = 25° C IF = 60 A dIF/dt = 200 A/µs VFR = 1.1 x VFmax 2.6 V |