công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSDF54040XR bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện TSDF54040XR
Giải thích chi tiết về linh kiện  Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF54040XR bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  TSDF54040XR Datasheet HTML 1Page - Vishay Siliconix TSDF54040XR Datasheet HTML 2Page - Vishay Siliconix TSDF54040XR Datasheet HTML 3Page - Vishay Siliconix TSDF54040XR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TSDF54040X/TSDF54040XR
Vishay Semiconductors
www.vishay.com
2 (4)
Rev. 1, 12–Nov–01
Document Number 85087
All of following data and characteristics are valid for operating either
amplifier 1 (pin 1, 3, 2, 5) or amplifier 2 (pin 6, 4, 2, 5)
Absolute Maximum Ratings
Tamb = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Drain - source voltage
VDS
8
V
Drain current
ID
30
mA
Gate 1/Gate 2 - source peak current
±IG1/G2SM
10
mA
Gate 1/Gate 2 - source voltage
±VG1/G2SM
6
V
Total power dissipation
Tamb  60 °C
Ptot
200
mW
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
–55 to +150
°C
Maximum Thermal Resistance
Tamb = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Channel ambient
on glass fibre printed board (25 x 20 x 1.5) mm3
plated with 35
µm Cu
RthChA
450
K/W
Electrical DC Characteristics
Tamb = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Gate 1 - source
breakdown voltage
±IG1S = 10 mA, VG2S = VDS = 0
±V(BR)G1SS
7
10
V
Gate 2 - source
breakdown voltage
±IG2S = 10 mA, VG1S = VDS = 0
±V(BR)G2SS
7
10
V
Gate 1 - source
+VG1S = 5 V, VG2S = VDS = 0
+IG1SS
50
µA
Gate 1 source
leakage current
–VG1S = 5 V, VG2S = VDS = 0
–IG1SS
100
µA
Gate 2 - source
leakage current
±VG2S = 5 V, VG1S = VDS = 0
±IG2SS
20
nA
Drain current
VDS = 5 V, VG1S = 0, VG2S = 4 V
IDSS
50
250
µA
Self-biased
operating current
VDS = 5 V, VG1S = nc, VG2S = 4 V
IDSP
10
15
20
mA
Gate 2 - source cut-
off voltage
VDS = 5 V, VG1S = nc, ID = 20 µA
VG2S(OFF)
0.8
1.0
1.4
V



Html Pages

1 2 3 4