| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BCC0LC4 bảng dữ liệu(PDF) 2 Page - Balluff Korea Ltd. |
|
|
|||||||||||||||||||||||||||||
BCC0LC4 bảng dữ liệu(HTML) 2 Page - Balluff Korea Ltd. |
|
2 / 2 page ![]() Double-Ended Cordsets BCC E834-E834-90-334-PS54N2-010 Order Code: BCC0LC4 Internet www.balluff.com eCl@ss 9.1: 27-06-03-11 Subject to change without notice: 272810 ETIM 6.0: EC001855 BCC0LC4_0.7_2022-07-15 2 / 2 Remarks Cable construction acc. to UL-AWM Style 20236 Halogen-free per DIN VDE 0472 Part 815 Silicone-free Flame resistance acc. to FT1 AIDA conformal Enclosure rating per IEC 60529 or ISO 20653, only in screwed state with the associated mating piece. Connector Drawings I , II PIN 1: yellow PIN 2: orange PIN 3: white PIN 4: n.c. PIN 5: n.c. PIN 6: blue PIN 7: n.c. PIN 8: n.c. Wiring Diagrams 1) Shield on housing |