| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMD bảng dữ liệu(PDF) 3 Page - WAGO Kontakttechnik GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
SMD bảng dữ liệu(HTML) 3 Page - WAGO Kontakttechnik GmbH & Co. KG |
|
3 / 8 page ![]() Surface Mount Technology Surface Mount Technology (SMT) means soldering electronic components directly onto PCB surface pads without drilling holes. The basic SMT process consists of applying solder paste to the PCB via solder dispensing equipment, screen or stencil printing. Reflow Soldering Process: SMT assembly is performed using fully automated placement machines. Surface mount components are soldered to the board in infrared, convection or vapor phase ovens. THR-Component SMT components SMD |