công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDPH49D19/HP bảng dữ liệu(PDF) 2 Page - Sumida Corporation

tên linh kiện CDPH49D19/HP
Giải thích chi tiết về linh kiện  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUMIDA [Sumida Corporation]
Trang chủ  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPH49D19/HP bảng dữ liệu(HTML) 2 Page - Sumida Corporation

  CDPH49D19/HP Datasheet HTML 1Page - Sumida Corporation CDPH49D19/HP Datasheet HTML 2Page - Sumida Corporation CDPH49D19/HP Datasheet HTML 3Page - Sumida Corporation CDPH49D19/HP Datasheet HTML 4Page - Sumida Corporation CDPH49D19/HP Datasheet HTML 5Page - Sumida Corporation CDPH49D19/HP Datasheet HTML 6Page - Sumida Corporation CDPH49D19/HP Datasheet HTML 7Page - Sumida Corporation CDPH49D19/HP Datasheet HTML 8Page - Sumida Corporation CDPH49D19/HP Datasheet HTML 9Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 156 page
background image
2
GENERAL PRODUCTS
CONTENTS
Scope of Sumida products, general stipulations for coil use
Applications
Power Inductors
High-reliability metal Inductor
Recommended Automotive Application Type (High-temperature applicable)
Low Leakage Flux Type Inductor
Recommended Automotive Application Type (High-temperature applicable)
DC/DC converter inductors & output filter chokes for LED lighting
Chip Inductor
DC-DC Converter Transformer
General information
Transformers for UP-Down or Up Converter
High-temp Coil for SEPIC Converter
Step Up DC-DC Converter Transformers for Strobe
Gate Driver Transformers
Current sensor for Switching Power Supply and other circuit
SMD type Transformer for Automotive applications
PIN type Transformer for Automotive applications
PIN Type PFC Choke Coils
SMD type & Multiple Output Transformers
PIN type & Multiple Output Transformers
Leakage transformers for power supply
Reactor
INVERTER
Notes on FL inverter transformer use
Application
High Reliability Inverter Transformers
Inverter Transformers
Inverter Units
Custom Specifications of inverter unit & Sample order form
EMC
Measurement condition, Product list
Characteristic List of Common Mode Choke coils for DC Lines
Common Mode Choke Coils for DC Lines (correspond 125˚C)
Common Mode Choke Coils for DC Lines
Common Mode Choke Coils for Communication
Signal and DC Common Mode Choke Coils
Normal Mode Choke Coils
AC Common Mode Choke Coils
Wireless Power Transfer Coil
Sensor Coils for Metal
Antenna
Transponder : RFID (TX)
Transponder : RFID (RX)
TPMS : RFID
IC TAG
For xDSL Line Transformers & Splitter Coils
xDSL Line Transformers
xDSL Line Transformer & Pots Splitter coil
xDSL Pots Splitter Coils
xDSL Common Mode Choke Coil
Modem Transformers (MT series)
Modem Transformers (DAA)
PLC(Home Plug) Line Isolation Transformers
LAN PULSE Transformer
10/100 Base Pulse Transformers
Radio Control Clock Antennas
High Inductance Variable Coils
IFT Coils
RF Coils
VCO Coils
AM Antenna Loading Coils
Video Filters
Audio Filters
Helical Filter
Balun
Dimensions for embossed tape and reel packing with packed QTY
INDEX
PAGE
3
4 - 9
10
11- 14
15
16 - 18
19 - 20
21
22 - 23
24 - 29
30
31 - 32
33
34 - 35
36 - 37
38
39
40 - 49
50 - 65
66
67
68 -69
70
71 - 74
75 - 78
79 - 80
81
82
83
84 - 86
87 - 89
90 - 91
92 - 98
99 - 101
102 - 111
112
113
114 - 118
119 - 120
121
122
123 - 128
129
130 - 132
133
134 - 135
136
137 - 139
140
141 - 144
145 - 146
147
148
149
150
151
152
153
153
154
155
Specifications in this catalog are subject to change without notice.
It is requested to confirm the specifications when ordering.
Any dimensions without tolerance is typical value.
Sumida declares that any ozone depleting substance is not used in the all coil manufacturing process.
We recommend to use resist to protect from solder bridge.
INDEX
目 次
本カタログは、記載内容を予告なく変更する事がありますのでご了承下さい。
なお、御注文に際しては、仕様・納入仕様書等の取り交わしをお願いします。
寸法図に公差のないものは参考値です。
当社製品の加工、組立等の全工程において一切のオゾン層破壊物質は使用しておりません。
はんだブリッジ対策の為、
レジスト等を用いる事を推奨します。
スミダ製品の適用範囲、
コイル使用上の共通注意事項
アプリケーション
パワーインダクタ
高信頼性メタルインダクタ
車載向け高温対応インダクタ
低漏洩磁束タイプインダクタ
車載向け高温対応インダクタ
LED駆動用電源インダクタ
チップインダクタ
DC-DC コンバータ
概要
昇降圧コンバータトランス・昇圧コンバータトランス
車載SEPIC向け高温対応コイル
ストロボ回路用昇圧 DC/DC コンバータトランス
ゲートドライブトランス
カレントセンサー
車載向け面実装タイプトランス
車載向けPINタイプトランス
力率改善用チョークコイル
面実装多出力トランス
ピンタイプ多出力トランス
共振電源用トランス
リアクタ
インバータ
FLインバータトランス使用上の注意事項
用途
高信頼性インバータトランス
インバータトランス
インバータユニット
インバータユニットのカスタム仕様について & サンプルオーダーフォーム
EMC
測定条件、製品リスト
コモンモード DCフィルター特性一覧
DCライン向けコモンモードチョークコイル (125˚C対応)
DCライン向けコモンモードチョークコイル
有線通信用コモンモードチョークコイル
信号系コモンモードチョークコイル
ノーマルモードチョークコイル
AC コモンモードチョークコイル
ワイヤレス給電コイル
金属センサコイル
アンテナ
RFID トランスポンダーコイル(送信)
RFID トランスポンダーコイル(受信)
タイヤ空気圧モニタリングシステム用 RFID
IC タグ
xDSL トランス / xDSL スプリッタコイル
xDSL トランス
xDSL トランス / xDSL スプリッタコイル
xDSL スプリッタコイル
xDSL コモンモードチョークコイル
モデムトランス(MTシリーズ)
モデムトランス(DAA)
ホームプラグライン絶縁トランス
LAN パルストランス
10/100ベース パルストランス
電波時計用アンテナ
可変コイル
IFT コイル
RF コイル
VCO コイル
AM アンテナローティングコイル
ビデオ フィルタ
オーディオ フィルタ
ヘリカルフィルタ
バルン
キャリアテープ寸法・梱包数量
/ 目次



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com