| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29F800B-150EEB bảng dữ liệu(PDF) 20 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F800B-150EEB bảng dữ liệu(HTML) 20 Page - Advanced Micro Devices |
|
20 / 41 page ![]() 20 Am29F800T/Am29F800B 8/18/97 PR E L IM IN A R Y EMBEDDED ALGORITHMS Note: 1. To insure the command has been accepted, the system software should check the status of DQ3 prior to and following each subsequent sector erase command. If DQ3 were high on the second status check, the command may not have been ac- cepted. Figure 2. Embedded Erase Algorithm Start Erasure Completed Write Erase Command Sequence (see below) Data Polling or Toggle Bit Successfully Completed 555H/AAH 2AAH/55H 555H/80H Chip Erase Command Sequence (Address/Command): 555H/AAH 2AAH/55H 555H/10H 555H/AAH 2AAH/55H 555H/80H Individual Sector/Multiple Sector Erase Command Sequence (Address/Command): 555H/AAH Sector Address/30H Sector Address/30H Sector Address/30H 2AAH/55H Additional sector erase commands are optional 20375C-7 |