| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D-M9BWMAPC bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
D-M9BWMAPC bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 92 page ![]() Best Pneumatics 2-1 Function Type Electrical entry Auto switch model Page Auto switch mounting type Band Rail Tie-rod Direct Grommet Connector Terminal conduit DIN terminal Grommet Connector Grommet Terminal conduit DIN terminal Grommet 1653 1654 1655 1656 1657 1656 1657 1658 1659 1660 1661 1662 1652 1663 1664 Band mounting Rail mounting Tie-rod mounting Direct mounting D-C73/C76/C80 D-B53/B54/B64 D-C73C/C80C D-A33/A34 D-A33A/A34A D-A44 D-A44A D-A72/A73/A80 D-A72H/A73H/A76H/A80H D-A73C/A80C D-A53/A54/A56/A64/A67 D-A33C/A34C D-A44C ∗ These auto switches can be mounted with a band, a rail, a tie-rod or a square groove when auto switch mounting brackets are used. Refer to pages 1680, 1684, 1688 and 1696 to 1698 for details. ∗∗ These auto switches can be mounted with a tie-rod when auto switch mounting brackets are used. Refer to page 1691 for details. Auto Switch Variations 1 D-A90/A93/A96∗ D-A90V/A93V/A96V∗ D-Z73/Z76/Z80∗∗ D-E73A/E76A/E80A Auto Switch Variations 1591 1592 1592-1 1593 1594 1595 Direct Grommet ※ 1597 1598 1599 1600 1601 1602 1603 1604 1605 1606 Band Rail Tie-rod Grommet Connector Terminal conduit Grommet Connector Grommet Terminal conduit D-H7A1/H7A2/H7B D-G59/G5P/K59 D-H7C D-G39/K39 D-G39A/K39A D-F79/F7P/J79 D-F7NV/F7PV/F7BV D-J79C D-F59/F5P/J59 D-G39C/K39C D-M9N/M9P/M9B∗ D-M9NV/M9PV/M9BV∗ D-F8N/F8P/F8B D-M9NE/M9PE/M9BE (Normally closed)∗ D-M9NEV/M9PEV/M9BEV (Normally closed)∗ D-F9G/F9H (Normally closed)∗ D-Y59A/Y59B/Y7P∗∗ D-Y69A/Y69B/Y7PV∗∗ D-Y7G/Y7H (Normally closed)∗∗ 1581 D- B |