công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29F800B-120SCB bảng dữ liệu(PDF) 6 Page - Advanced Micro Devices

tên linh kiện AM29F800B-120SCB
Giải thích chi tiết về linh kiện  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800B-120SCB bảng dữ liệu(HTML) 6 Page - Advanced Micro Devices

Back Button AM29F800B-120SCB Datasheet HTML 2Page - Advanced Micro Devices AM29F800B-120SCB Datasheet HTML 3Page - Advanced Micro Devices AM29F800B-120SCB Datasheet HTML 4Page - Advanced Micro Devices AM29F800B-120SCB Datasheet HTML 5Page - Advanced Micro Devices AM29F800B-120SCB Datasheet HTML 6Page - Advanced Micro Devices AM29F800B-120SCB Datasheet HTML 7Page - Advanced Micro Devices AM29F800B-120SCB Datasheet HTML 8Page - Advanced Micro Devices AM29F800B-120SCB Datasheet HTML 9Page - Advanced Micro Devices AM29F800B-120SCB Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
Am29F800T/Am29F800B
8/18/97
PR E L IM IN A R Y
PIN CONFIGURATION
A0–A18
= 19 Addresses
BYTE
= Selects 8-bit or 16-bit mode
CE
= Chip Enable
DQ0–DQ14 = 15 Data Inputs/Outputs
DQ15/A-1
= DQ15 Data Input/Output,
A-1 Address Mux
NC
= Pin Not Connected Internally
OE
= Output Enable
RESET
= Hardware Reset Pin, Active Low
RY/BY
= Ready/Busy Output
VCC
= +5.0 Volt Single-Power Supply
(
±10% for -70, -90, -120, -150)
VSS
= Device Ground
WE
= Write Enable
LOGIC SYMBOL
19
16 or 8
DQ0–DQ15
A0–A18
CE (E)
OE (G)
WE (W)
A-1
RY/BY
RESET
BYTE
20375C-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41