| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29LV320MH112REF bảng dữ liệu(PDF) 59 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29LV320MH112REF bảng dữ liệu(HTML) 59 Page - SPANSION |
|
59 / 59 page ![]() December 14, 2005 Am29LV320MH/L 57 DA TA SH EET CMOS Compatible Corrected Typ and Max values for the I CC 1, 2, and 3. Erase and Program Operations and Alternate CE# Controlled Erase and Program Operations Changed Accelerated Effective Write Buffer Program Operation value. Erase and Programming Performance Input values into table that were previously TBD. Modified notes. Removed Word references. Revision B +1 (February 12, 2004) Customer Lockable: SecSi Sector NOT Programmed or Protected at the Factory Removed second paragraph. Table 10 & Table 11: Command Definitions Replaced the Addr information for both Program/Erase Suspend and Program/Erase Resume from BA to XXX. Erase Suspend/Erase Resume Commands Added note on flash device performance during suspend/erase mode. AC Characteristics - Erase and Program Operations Removed Byte information for t WHWH1 parameter. Added t POLL information and footnote. AC Characteristics Figures - Program Operation Timings, Data# Polling Timings (During Embedded Algorithms, and Alternate CE# Controlled Write (Erase/Program) Operation Timings Updated with tPOLL information. AC Characteristics - Alternate CE# Controlled Erase and Program Operations Added t POLL information and footnote. Erase and Programming Performance Added tPOLL information and footnote. Trademarks Updated. Cover sheet and Title page Added notation referencing superseding documenta- tion. Revision B +2 (October 27, 2004) Ordering Information Added Lead-free package options. Revision B +3 (December 14, 2005) Global EOL This product has been retired and is not available for designs. For new and current designs, S29GL032A supersedes Am29LV320M H/L and is the factory-rec- ommended migration path. Please refer to the S29GL032A datasheet for specifications and ordering information. Availability of this document is retained for reference and historical purposes only. Trademarks Copyright © 2004-2005 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. |