| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S202031SS02DB bảng dữ liệu(PDF) 3 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
S202031SS02DB bảng dữ liệu(HTML) 3 Page - ITT Industries |
|
3 / 5 page ![]() J–29 J Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com C&K S Series Slide Switches DETENT MOUNTING STYLE PANEL MOUNTING PANEL THICKNESS: .020(0,57)–.200(5,08) PANEL MOUNTING S2 SNAP-IN PANEL SS PANEL WITH MOUNTING EARS 2 WITHOUT DETENT 1 WITH DETENT MS PC THRU-HOLE S202031SS03Q DPDT S202031MS02Q DPDT S802C21S207Q DPDT Standard with all maintained models: S101, S102, S201, S202, S602, S701, S702, and S802. Standard with all momentary models: S112. AVAILABLE WITH: Models: S101, S102, S112, S201, S202 and S602 Terminations: All except 08 Actuators: 03, 04, 09, 12* and 13*. *12 and 13 actuators not available with S1XX models. AVAILABLE WITH: Models: S101, S102, S112, S201, S202 Terminations: 02, 04 and 08 Actuators: 03, 04, 09, 12* and 13* *12 and 13 actuators available with S201, S202 and S602 models only. PC MOUNTING For mounting information, see TERMINATIONS section, page J-30. AVAILABLE WITH: Models: S701, S702, and S802 Terminations: 04, 07, 57 and WC Actuators: C2, C3, C5 and 03 |