công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S29CD032J bảng dữ liệu(PDF) 16 Page - SPANSION

tên linh kiện S29CD032J
Giải thích chi tiết về linh kiện  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J bảng dữ liệu(HTML) 16 Page - SPANSION

Back Button S29CD032J Datasheet HTML 12Page - SPANSION S29CD032J Datasheet HTML 13Page - SPANSION S29CD032J Datasheet HTML 14Page - SPANSION S29CD032J Datasheet HTML 15Page - SPANSION S29CD032J Datasheet HTML 16Page - SPANSION S29CD032J Datasheet HTML 17Page - SPANSION S29CD032J Datasheet HTML 18Page - SPANSION S29CD032J Datasheet HTML 19Page - SPANSION S29CD032J Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
14
S29CD-J & S29CL-J Flash Family
S29CD-J_CL-J_00_B1 September 27, 2006
Data
Sheet
(Pre limin ar y)
7.
Product Overview
The S29CD-J and S29CL-J families consist of 32 Mb and 16 Mb, 2.6 volt-only (CD-J) or 3.3 volt-only (CL-J),
simultaneous read/write, dual boot burst mode Flash devices optimized for today's automotive designs.
These devices are organized in 1,048,576 double words (32 Mb) or 524,288 double words (16 Mb) and are
capable of linear burst read (2, 4, or 8 double words) with or without wraparound. (Note that 1 double word =
32 bits.) These products also offer single word programming with program/erase suspend and resume
functionality. Additional features include:
Advanced Sector Protection methods for protecting sectors as required.
256 bytes of Secured Silicon area for storing customer or factory secured information. The Secured Silicon
Sector is One-Time Programmable.
Electronic marking.
7.1
Memory Map
The S29CD-J and S29CL-J devices consist of two banks organized as shown in Table 7.1, Table 7.2, Table
7.3 and Table 7.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76