công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29LV640ML101PCI bảng dữ liệu(PDF) 62 Page - SPANSION

tên linh kiện AM29LV640ML101PCI
Giải thích chi tiết về linh kiện  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV640ML101PCI bảng dữ liệu(HTML) 62 Page - SPANSION

Back Button AM29LV640ML101PCI Datasheet HTML 54Page - SPANSION AM29LV640ML101PCI Datasheet HTML 55Page - SPANSION AM29LV640ML101PCI Datasheet HTML 56Page - SPANSION AM29LV640ML101PCI Datasheet HTML 57Page - SPANSION AM29LV640ML101PCI Datasheet HTML 58Page - SPANSION AM29LV640ML101PCI Datasheet HTML 59Page - SPANSION AM29LV640ML101PCI Datasheet HTML 60Page - SPANSION AM29LV640ML101PCI Datasheet HTML 61Page - SPANSION AM29LV640ML101PCI Datasheet HTML 62Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 62 / 62 page
background image
60
Am29LV640MH/L
December 14, 2005
DA TA SH EET
Product Selector Guide
Added note 2.
Ordering Information
Corrected Valid Combinations table.
Added Note.
AC Characteristics
Removed 90, 90R speed option. Added Note
Input values in the t
WHWH1 and tWHWH2 parameters in
the Erase and Program Options table that were previ-
ously TBD. Also, added note 5.
Input values in the t
WHWH1 and tWHWH2 parameters in
the Alternate CE# Controlled Erase and Program Op-
tions table that were previously TBD. Also, added note
5.
Erase and Programming Performance
Input values into table that were previously TBD.
Added notes 3 and 4.
Revision E+2 (June 11, 2003)
Ordering Information
Added 90R speed grade, modified note.
Erase and Programming Performance
Modified table, supplied values for Typical.
Revision F (August 14, 2003)
Global
Converted document to new Spansion template.
Ordering Information
Added note for ordering and marking information re-
lated to “N” (factory-protected SecSi Sector) devices.
Command Definitions
Corrected Program Erase/Suspend addressing from
BA to don’t care.
DC Characteristics table
Corrected note reference number on VOL specification.
Hardware Reset (RESET#)
Added t
RB specification to table.
Revision F+1 (February 17, 2004)
Erase Suspend/Erase Resume Commands
Added note (last paragraph) in reference to erase op-
eration.
AC Characteristics - Erase and Program
Operations, and Alternate CE# Controlled Erase
and Program Operations
Added tPOLL information.
AC Characteristics - Program Operation Timings,
Data# Polling Timings, and Alternate CE#
Controlled Write (Erase/Program) Operation
Timings
Updated figures to show tPOLL information.
Trademarks
Updated.
Revision F+2 (August 23, 2004)
Added Max programming specifications.
Added notation referencing superseding documenta-
tion.
Revision F+3 (December 14, 2005)
Global
This product has been retired and is not available for
designs. For new and current designs, S29GL064A
supersedes Am29LV640M H/L and is the factory-rec-
ommended migration path. Please refer to the
S29GL064A datasheet for specifications and ordering
information. Availability of this document is retained for
reference and historical purposes only.
Trademarks
Copyright © 2002-2005 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62