| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29LV320ML101RPI bảng dữ liệu(PDF) 18 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29LV320ML101RPI bảng dữ liệu(HTML) 18 Page - SPANSION |
|
18 / 59 page ![]() 16 Am29LV320MH/L December 14, 2005 DA TA SH EET Sector Group Protection and Unprotection The hardware sector group protection feature disables both program and erase operations in any sector group. In this device, a sector group consists of four adjacent sectors that are protected or unprotected at the same time (see Table 4). The hardware sector group unprotection feature re-enables both program and erase operations in previously protected sector groups. Sector group protection/unprotection can be implemented via two methods. Sector protection/unprotection requires VID on the RE- SET# pin only, and can be implemented either in-sys- tem or via programming equipment. Figure 2 shows the algorithms and Figure 24 shows the timing dia- gram. This method uses standard microprocessor bus cycle timing. For sector group unprotect, all unpro- tected sector groups must first be protected prior to the first sector group unprotect write cycle. The device is shipped with all sector groups unpro- tected. AMD offers the option of programming and pro- tecting sector groups at its factory prior to shipping the device through AMD’s ExpressFlash™ Service. Con- tact an AMD representative for details. It is possible to determine whether a sector group is protected or unprotected. See the Autoselect Mode section for details. Table 4. Sector Group Protection/Unprotection Address Table Sector Group A20–A15 SA0 000000 SA1 000001 SA2 000010 SA3 000011 SA4–SA7 0001xx SA8–SA11 0010xx SA12–SA15 0011xx SA16–SA19 0100xx SA20–SA23 0101xx SA24–SA27 0110xx SA28–SA31 0111xx SA32–SA35 1000xx SA36–SA39 1001xx SA40–SA43 1010xx SA44–SA47 1011xx SA48–SA51 1100xx SA52–SA55 1101xx SA56–SA59 1110xx SA60 111100 SA61 111101 SA62 111110 SA63 111111 |