công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29BDS128HE9VKI bảng dữ liệu(PDF) 73 Page - SPANSION

tên linh kiện AM29BDS128HE9VKI
Giải thích chi tiết về linh kiện  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS128HE9VKI bảng dữ liệu(HTML) 73 Page - SPANSION

Back Button AM29BDS128HE9VKI Datasheet HTML 69Page - SPANSION AM29BDS128HE9VKI Datasheet HTML 70Page - SPANSION AM29BDS128HE9VKI Datasheet HTML 71Page - SPANSION AM29BDS128HE9VKI Datasheet HTML 72Page - SPANSION AM29BDS128HE9VKI Datasheet HTML 73Page - SPANSION AM29BDS128HE9VKI Datasheet HTML 74Page - SPANSION AM29BDS128HE9VKI Datasheet HTML 75Page - SPANSION AM29BDS128HE9VKI Datasheet HTML 76Page - SPANSION AM29BDS128HE9VKI Datasheet HTML 77Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
71
D A TA
SH EE T
AC CHARACTERISTICS
Notes:
1. PA = Program Address, PD = Program Data, VA = Valid Address for reading status bits.
2. “In progress” and “complete” refer to status of program operation.
3. Amax–A12 are don’t care during command sequence unlock cycles.
4. CLK can be either VIL or VIH.
5. The Asynchronous programming operation is independent of the Set Device Read Mode bit in the Configuration Register.
Figure 35.
Asynchronous Program Operation Timings: WE# Latched Addresses
OE#
CE#f
Data
Addresses
AVD#
WE#
CLK
VCCf
555h
PD
tAS
tAVSW
tAVHW
tAH
tWC
tWPH
PA
tVCS
tWP
tDH
tCH
In
Progress
tWHWH1
VA
Complete
VA
Program Command Sequence (last two cycles)
Read Status Data
tDS
VIH
VIL
tAVDP
A0h
tCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89