| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC5553AVZ132 bảng dữ liệu(PDF) 18 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PPC5553AVZ132 bảng dữ liệu(HTML) 18 Page - Freescale Semiconductor, Inc |
|
18 / 60 page ![]() MPC5553 Microcontroller Data Sheet, Rev. 0 Preliminary—Subject to Change Without Notice Electrical Characteristics Freescale Semiconductor 18 frequency, and load on all pad_sh and pad_sh pins. Use linear scaling to calculate pin currents for voltage, frequency, and load parameters that fall outside the values given in Table 11. Table 11. VDD33 Pad Average DC Current1 1 These values are estimated from simulation and not tested. Currents apply to output pins only for the fast pads and to input pins only for the slow and medium pads. Num Pad Type Symbol Frequency (MHz) Load2 (pF) 2 All loads are lumped. VDD33 (V) VDDE (V) Drive Select Current (mA) Inputs 1Slow I33_SH 66 0.5 3.6 5.5 NA 0.003 2 Medium I33_MH 66 0.5 3.6 5.5 NA 0.003 Outputs 3Fast I33_FC 66 10 3.6 3.6 00 0.35 466 20 3.6 3.6 01 0.53 566 30 3.6 3.6 10 0.62 666 50 3.6 3.6 11 0.79 7 66 10 3.6 1.98 00 0.35 8 66 20 3.6 1.98 01 0.44 9 66 30 3.6 1.98 10 0.53 10 66 50 3.6 1.98 11 0.7 11 56 10 3.6 3.6 00 0.30 12 56 20 3.6 3.6 01 0.45 13 56 30 3.6 3.6 10 0.52 14 56 50 3.6 3.6 11 0.67 15 56 10 3.6 1.98 00 0.30 16 56 20 3.6 1.98 01 0.37 17 56 30 3.6 1.98 10 0.45 18 56 50 3.6 1.98 11 0.60 19 40 10 3.6 3.6 00 0.21 20 40 20 3.6 3.6 01 0.31 21 40 30 3.6 3.6 10 0.37 22 40 50 3.6 3.6 11 0.48 23 40 10 3.6 1.98 00 0.21 24 40 20 3.6 1.98 01 0.27 25 40 30 3.6 1.98 10 0.32 26 40 50 3.6 1.98 11 0.42 |