| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29BDS128HD8 bảng dữ liệu(PDF) 73 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29BDS128HD8 bảng dữ liệu(HTML) 73 Page - SPANSION |
|
73 / 89 page ![]() May 10, 2006 27024B3 Am29BDS128H/Am29BDS640H 71 D A TA SH EE T AC CHARACTERISTICS Notes: 1. PA = Program Address, PD = Program Data, VA = Valid Address for reading status bits. 2. “In progress” and “complete” refer to status of program operation. 3. Amax–A12 are don’t care during command sequence unlock cycles. 4. CLK can be either VIL or VIH. 5. The Asynchronous programming operation is independent of the Set Device Read Mode bit in the Configuration Register. Figure 35. Asynchronous Program Operation Timings: WE# Latched Addresses OE# CE#f Data Addresses AVD# WE# CLK VCCf 555h PD tAS tAVSW tAVHW tAH tWC tWPH PA tVCS tWP tDH tCH In Progress tWHWH1 VA Complete VA Program Command Sequence (last two cycles) Read Status Data tDS VIH VIL tAVDP A0h tCS |