| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MS02A14-32SW bảng dữ liệu(PDF) 18 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
MS02A14-32SW bảng dữ liệu(HTML) 18 Page - ITT Industries |
|
18 / 25 page ![]() A-55 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change A Wiring Instructions Jam Nut Receptacle with Grounding Continuity (for shielded cable) KPT/KPSE ...DZ Cannon KPT/KPSE MIL-C-26482 Series I Connectors KPT/KPSE 7E...DZ Shell øA øB øC D E L S T Size Min. +0.5 Max. Max. 1.0 Max. ±0.25 ±0.25 †8 .360 (6.6) .630 (16.0) .716 (18.2) .524 (13.3) .590 (15.0) 1.850 (47.0) .905 (23.0) .748 (19.0) 10 .362 (9.2) .709 (18.0) .842 (21.4) .634 (16.1) .590 (15.0) 1.850 (47.0) 1.063 (27.0) .874 (22.2) 12 .480 (12.2) .866 (22.0) .968 (24.6) .787 (20.0) .669 (17.0) 1.929 (49.0) 1.248 (31.7) 1.063 (27.0) 14 .598 (15.2) .984 (25.0) 1.094 (27.8) .874 (22.2) .709 (18.0) 1.968 (50.0) 1.374 (34.9) 1.089 (30.2) 16 .720 (18.3) 1.102 (28.0) 1.216 (30.9) 1.031 (26.2) .709 (18.0) 1.968 (50.0) 1.50 (38.1) 1.311 (33.3) 18 .787 (20.0) 1.260 (32.0) 1.342 (34.1) 1.222 (28.5) .709 (18.0) 1.968 (50.0) 1.626 (41.3) 1.437 (36.5) 20 .905 (23.0) 1.340 (34.0) 1.50 (38.1) 1.279 (32.5) .709 (18.0) 2.165 (55.0) 1.811 (46.0) 1.563 (39.7) 22 1.023 (26.0) 1.50 (38.0) 1.626 (41.3) 1.370 (34.8) .709 (18.0) 2.165 (55.0) 1.937 (49.2) 1.689 (42.9) 24 1.133 (28.8) 1.614 (41.0) 1.748 (44.4) 1.492 (37.9) .709 (18.0) 2.165 (55.0) 2.059 (52.3) 1.811 (46.0) † In series KPSE only contact arrangements 8-3A and 8-33 available B C A D E L S L Fixing of shielding braid to connectors with DZ-adapter • Loosen lock nut (5). Slide heat shrink component (6) and lock nut (5) over cable. • Push shielding braid (7) onto endbell (3) and over thread (2). • Fasten shielding braid (7) into rounded groove by means of bailing wire • Fold back protruding shielding braid on cone. • Slide lock nut (5) onto endbell (3). The folded back shielding braid protrudes under the tightened lock nut. • Shrink heat shrink component (6) according to manufacturer’s instructions. (End of heat shrink component to be located in square groove (1)). ca_A1-A163.qxd:Layout 1 2/9/11 7:49 PM Page 55 |