| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MS02A10-32SW bảng dữ liệu(PDF) 19 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
MS02A10-32SW bảng dữ liệu(HTML) 19 Page - ITT Industries |
|
19 / 25 page ![]() A-56 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change A Panel Cutouts FLANGE (FRONT MOUNTING) MOUNTING HOLE DIA. KPT/KPSE Shell KPT/KPSE Size A Dia. R P ±.005 Screw †8 .618 (15.70) .594 (15.09) .125 (3.17) #4 10 .735 (16.67) .719 (18.26) .125 (3.17) #4 12 .859 (21.82) .812 (20.62) .125 (3.17) #4 14 .985 (25.02) .906 (23.01) .125 (3.17) #4 16 1.113 (28.27) .969 (24.61) .125 (3.17) #4 18 1.235 (31.37) 1.062 (26.97) .125 (3.17) #4 20 1.361 (34.57) 1.156 (29.36) .125 (3.17) #4 22 1.485 (37.72) 1.250 (31.75) .125 (3.17) #4 24 1.611 (40.92) 1.375 (34.92) .155 (3.94) #6 † Not available in KPSE connectors. Shell KPT/KPSE Size A B †8 .578 (14.68) .540 (13.72) 10 .703 (17.86) .665 (16.89) 12 .890 (22.61) .828 (21.02) 14 1.015 (25.78) .952 (24.18) 16 1.140 (28.96) 1.076 (27.33) 18 1.265 (32.13) 1.201 (30.51) 20 1.390 (35.31) 1.326 (33.68) 22 1.515 (38.48) 1.451 (36.86) 24 1.640 (41.66) 1.576 (40.03) † Not available in KPSE connectors. Box and Wall Mounting Receptacle Jam Nut Receptacle R (T.P.) A +.010 (0.25) -.000 (0.00) P±.005 (013) 4 HOLES A +.010 (0.25) -.000 (0.00) B +.000 (0.00) -.010 (0.25) Panel Thickness Size 8 10 12 14 16 18 20 22 24 Wall Mounting and Box Mounting Receptacle Thru-Bulkhead Receptacle Maximum panel thickness dimensions allowable to ensure complete connector operation for the the Wall Mounting Receptacle, Box Mounting Receptacle, and Thru-Bulkhead Receptacle. B Max. .087 (2.21) .212 (5.38) Size 8 10 12 14 16 18 20 22 24 B Max. panel and screw head .218 (5.54) .311 (7.90) .334 (8.74) Cannon KPT/KPSE MIL-C-26482 Series I Connectors B FRONT PANEL MTG REF REAR PANEL MTG REF FRONT PANEL MTG REF REAR PANEL MTG REF B B B PANEL PANEL PANEL PANEL ca_A1-A163.qxd:Layout 1 2/9/11 7:49 PM Page 56 |