| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCC4098BKT bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4098BKT bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 16 page ![]() Product name Description Commercial Product(1) ESCC specification Quality level Package(2) Lead finish Marking(3) Mass (g) HCC4021B Rad-hard 8-stage Static shift register HCC4021BKG 930601601 ESCC Flight FLAT16 ESA FP Gold 930601601 0.70 HCC4021BKT 930601602 ESCC Flight FLAT16 ESA FP Solder Dip 930601602 0.70 HCC4022B Rad-hard Divide- By-8 counter / divider HCC4022BDG 920402308 ESCC Flight DIL16 FP Gold 920402308 2.20 HCC4022BDT 920402309 ESCC Flight DIL16 FP Solder Dip 920402309 2.20 HCC4022BK1 - Engineering Model FLAT16 ESA EM Gold HCC4022BK1 0.70 HCC4022BKG 920402301 ESCC Flight FLAT16 ESA FP Gold 920402301 0.70 HCC4022BKT 920402302 ESCC Flight FLAT16 ESA FP Solder Dip 920402302 0.70 HCC4024B Rad-hard 7-stage binary/ripple counter HCC4024BDG 920402403 ESCC Flight DIL14 FP Gold 920402403 2.20 HCC4024BDT 920402404 ESCC Flight DIL14 FP Solder Dip 920402404 2.20 HCC4024BK1 - Engineering Model FLAT14 ESA EM Gold HCC4024BK1 0.70 HCC4024BKG 920402401 ESCC Flight FLAT14 ESA FP Gold 920402401 0.70 HCC4024BKT 920402402 ESCC Flight FLAT14 ESA FP Solder Dip 920402402 0.70 HCC4027B Rad-hard dual J-K master-slave flip-flop HCC4027BDG 920302208 ESCC Flight DIL16 FP Gold 920302208 2.20 HCC4027BDT 920302209 ESCC Flight DIL16 FP Solder Dip 920302209 2.20 HCC4027BK1 - Engineering Model FLAT16 ESA EM Gold HCC4027BK1 0.70 HCC4027BKG 920302201 ESCC Flight FLAT16 ESA FP Gold 920302201 0.70 HCC4027BKT 920302202 ESCC Flight FLAT16 ESA FP Solder Dip 920302202 0.70 HCC4028B Rad-hard BCD-to- decimal decoder HCC4028BDG 920501008 ESCC Flight DIL16 FP Gold 920501008 2.20 HCC4028BDT 920501009 ESCC Flight DIL16 FP Solder Dip 920501009 2.20 HCC4028BK1 - Engineering Model FLAT16 ESA EM Gold HCC4028BK1 0.70 HCC4028BKG 920501001 ESCC Flight FLAT16 ESA FP Gold 920501001 0.70 HCC4028BKT 920501002 ESCC Flight FLAT16 ESA FP Solder Dip 920501002 0.70 HCC4029B Rad-hard presettable up / down counter HCC4029BDG 920402508 ESCC Flight DIL16 FP Gold 920402508 2.20 HCC4029BDT 920402509 ESCC Flight DIL16 FP Solder Dip 920402509 2.20 HCC4029BK1 - Engineering Model FLAT16 ESA EM Gold HCC4029BK1 0.70 HCC4029BKG 920402501 ESCC Flight FLAT16 ESA FP Gold 920402501 0.70 HCC40xxx, HCC45xxx Ordering information DS6709 - Rev 8 page 7/16 |