| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCC4094BDG bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4094BDG bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 16 page ![]() Product name Description Commercial Product(1) ESCC specification Quality level Package(2) Lead finish Marking(3) Mass (g) HCC4052B Rad-hard differential 4-channel analog mux / demux HCC4052BDG 920204808 ESCC Flight DIL16 FP Gold 920204808 2.20 HCC4052BDT 920204809 ESCC Flight DIL16 FP Solder Dip 920204809 2.20 HCC4052BK1 - Engineering Model FLAT16 ESA EM Gold HCC4052BK1 0.70 HCC4052BKG 920204801 ESCC Flight FLAT16 ESA FP Gold 920204801 0.70 HCC4052BKT 920204802 ESCC Flight FLAT16 ESA FP Solder Dip 920204802 0.70 HCC4053B Rad-hard triple 2- channel analog mux / demux HCC4053BDG 920204908 ESCC Flight DIL16 FP Gold 920204908 2.20 HCC4053BDT 920204909 ESCC Flight DIL16 FP Solder Dip 920204909 2.20 HCC4053BK1 - Engineering Model FLAT16 ESA EM Gold HCC4053BK1 0.70 HCC4053BKG 920204901 ESCC Flight FLAT16 ESA FP Gold 920204901 0.70 HCC4053BKT 920204902 ESCC Flight FLAT16 ESA FP Solder Dip 920204902 0.70 HCC4060B Rad-hard 14-stage counter / divider and oscillator HCC4060BDG 920405208 ESCC Flight DIL16 FP Gold 920405208 2.20 HCC4060BKG 920405201 ESCC Flight FLAT16 ESA FP Gold 920405201 0.70 HCC4066B Rad-hard quad bilateral switch HCC4066BDG 940800503 ESCC Flight DIL14 FP Gold 940800503 2.20 HCC4066BDT 940800504 ESCC Flight DIL14 FP Solder Dip 940800504 2.20 HCC4066BK1 - Engineering Model FLAT14 ESA EM Gold HCC4066BK1 0.70 HCC4066BKG 940800501 ESCC Flight FLAT14 ESA FP Gold 940800501 0.70 HCC4066BKT 940800502 ESCC Flight FLAT14 ESA FP Solder Dip 940800502 0.70 HCC4067B Rad-hard single 16- channel analog mux / demux HCC4067BDG 940800903 ESCC Flight DIL24 large FP Gold 940800903 5.20 HCC4067BDT 940800904 ESCC Flight DIL24 large FP Solder Dip 940800904 5.20 HCC4067BK1 - Engineering Model FLAT24 EM Gold HCC4067BK1 1.70 HCC4067BKG 940800901 ESCC Flight FLAT24 FP Gold 940800901 1.70 HCC4067BKT 940800902 ESCC Flight FLAT24 FP Solder Dip 940800902 1.70 HCC4070B Rad-hard quad exclusive OR gate HCC4070BDG 920104803 ESCC Flight DIL14 FP Gold 920104803 2.20 HCC4070BDT 920104804 ESCC Flight DIL14 FP Solder Dip 920104804 2.20 HCC4070BK1 - Engineering Model FLAT14 ESA EM Gold HCC4070BK1 0.70 HCC4070BKG 920104801 ESCC Flight FLAT14 ESA FP Gold 920104801 0.70 HCC4070BKT 920104802 ESCC Flight FLAT14 ESA FP Solder Dip 920104802 0.70 HCC40xxx, HCC45xxx Ordering information DS6709 - Rev 8 page 9/16 |