| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCC4046BDT bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4046BDT bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 16 page ![]() Product name Description Commercial Product(1) ESCC specification Quality level Package(2) Lead finish Marking(3) Mass (g) HCC4029B Rad-hard presettable up / down counter HCC4029BKT 920402502 ESCC Flight FLAT16 ESA FP Solder Dip 920402502 0.70 HCC4040B Rad-hard 12-stage binary/Ripple counter HCC4040BDG 920402608 ESCC Flight DIL16 FP Gold 920402608 2.20 HCC4040BDT 920402609 ESCC Flight DIL16 FP Solder Dip 920402609 2.20 HCC4040BK1 - Engineering Model FLAT16 ESA EM Gold HCC4040BK1 0.70 HCC4040BKG 920402601 ESCC Flight FLAT16 ESA FP Gold 920402601 0.70 HCC4040BKT 920402602 ESCC Flight FLAT16 ESA FP Solder Dip 920402602 0.70 HCC4046B Rad-hard micropower Phase locker Loop HCC4046BDG 920204408 ESCC Flight DIL16 FP Gold 920204408 2.20 HCC4046BDT 920204409 ESCC Flight DIL16 FP Solder Dip 920204409 2.20 HCC4046BK1 - Engineering Model FLAT16 ESA EM Gold HCC4046BK1 0.70 HCC4046BKG 920204401 ESCC Flight FLAT16 ESA FP Gold 920204401 0.70 HCC4046BKT 920204402 ESCC Flight FLAT16 ESA FP Solder Dip 920204402 0.70 HCC4047B Rad-hard monostable/Astable multivibrator HCC4047BDG 920700303 ESCC Flight DIL14 FP Gold 920700303 2.20 HCC4047BDT 920700304 ESCC Flight DIL14 FP Solder Dip 920700304 2.20 HCC4047BK1 - Engineering Model FLAT14 ESA EM Gold HCC4047BK1 0.70 HCC4047BKG 920700301 ESCC Flight FLAT14 ESA FP Gold 920700301 0.70 HCC4047BKT 920700302 ESCC Flight FLAT14 ESA FP Solder Dip 920700302 0.70 HCC4050B Rad-hard hex non- inverting buffer / converter HCC4050BDG 920204608 ESCC Flight DIL16 FP Gold 920204608 2.20 HCC4050BDT 920204609 ESCC Flight DIL16 FP Solder Dip 920204609 2.20 HCC4050BK1 - Engineering Model FLAT16 ESA EM Gold HCC4050BK1 0.70 HCC4050BKG 920204601 ESCC Flight FLAT16 ESA FP Gold 920204601 0.70 HCC4050BKT 920204602 ESCC Flight FLAT16 ESA FP Solder Dip 920204602 0.70 HCC4051B Rad-hard single 8- channel analog mux / demux HCC4051BDG 920204708 ESCC Flight DIL16 FP Gold 920204708 2.20 HCC4051BDT 920204709 ESCC Flight DIL16 FP Solder Dip 920204709 2.20 HCC4051BK1 - Engineering Model FLAT16 ESA EM Gold HCC4051BK1 0.70 HCC4051BKG 920204701 ESCC Flight FLAT16 ESA FP Gold 920204701 0.70 HCC4051BKT 920204702 ESCC Flight FLAT16 ESA FP Solder Dip 920204702 0.70 HCC40xxx, HCC45xxx Ordering information DS6709 - Rev 8 page 8/16 |