| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCC4002BKT bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4002BKT bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 16 page ![]() Product name Description Commercial Product(1) ESCC specification Quality level Package(2) Lead finish Marking(3) Mass (g) HCC4013B Rad-hard dual D flip- flop HCC4013BDG 920302303 ESCC Flight DIL14 FP Gold 920302303 2.20 HCC4013BDT 920302304 ESCC Flight DIL14 FP Solder Dip 920302304 2.20 HCC4013BK1 - Engineering Model FLAT14 ESA EM Gold HCC4013BK1 0.70 HCC4013BKG 920302301 ESCC Flight FLAT14 ESA FP Gold 920302301 0.70 HCC4013BKT 920302302 ESCC Flight FLAT14 ESA FP Solder Dip 920302302 0.70 HCC4014B Rad-hard 8-stage Static synchronous shift register HCC4014BDG 930601408 ESCC Flight DIL16 FP Gold 930601408 2.20 HCC4014BDT 930601409 ESCC Flight DIL16 FP Solder Dip 930601409 2.20 HCC4014BK1 - Engineering Model FLAT16 ESA EM Gold HCC4014BK1 0.70 HCC4014BKG 930601401 ESCC Flight FLAT16 ESA FP Gold 930601401 0.70 HCC4014BKT 930601402 ESCC Flight FLAT16 ESA FP Solder Dip 930601402 0.70 HCC4015B Rad-hard dual 4- stage Static shift register HCC4015BDG 930601508 ESCC Flight DIL16 FP Gold 930601508 2.20 HCC4015BDT 930601509 ESCC Flight DIL16 FP Solder Dip 930601509 2.20 HCC4015BKG 930601501 ESCC Flight FLAT16 ESA FP Gold 930601501 0.70 HCC4015BKT 930601502 ESCC Flight FLAT16 ESA FP Solder Dip 930601502 0.70 HCC4019B Rad-hard quad AND/OR select gate HCC4019BDG 920205108 ESCC Flight DIL16 FP Gold 920205108 2.20 HCC4019BDT 920205109 ESCC Flight DIL16 FP Solder Dip 920205109 2.20 HCC4019BK1 - Engineering Model FLAT16 ESA EM Gold HCC4019BK1 0.70 HCC4019BKG 920205101 ESCC Flight FLAT16 ESA FP Gold 920205101 0.70 HCC4019BKT 920205102 ESCC Flight FLAT16 ESA FP Solder Dip 920205102 0.70 HCC4020B Rad-hard 14-stage binary/ripple counter HCC4020BDG 920402208 ESCC Flight DIL16 FP Gold 920402208 2.20 HCC4020BDT 920402209 ESCC Flight DIL16 FP Solder Dip 920402209 2.20 HCC4020BK1 - Engineering Model FLAT16 ESA EM Gold HCC4020BK1 0.70 HCC4020BKG 920402201 ESCC Flight FLAT16 ESA FP Gold 920402201 0.70 HCC4020BKT 920402202 ESCC Flight FLAT16 ESA FP Solder Dip 920402202 0.70 HCC4021B Rad-hard 8-stage Static shift register HCC4021BDG 930601608 ESCC Flight DIL16 FP Gold 930601608 2.20 HCC4021BDT 930601609 ESCC Flight DIL16 FP Solder Dip 930601609 2.20 HCC4021BK1 - Engineering Model FLAT16 ESA EM Gold HCC4021BK1 0.70 HCC40xxx, HCC45xxx Ordering information DS6709 - Rev 8 page 6/16 |