| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCC4028B bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4028B bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 16 page ![]() Product name Description Commercial Product(1) ESCC specification Quality level Package(2) Lead finish Marking(3) Mass (g) HCC4094B Rad-hard 8-stage shift-and-store bus register HCC4094BK1 - Engineering Model FLAT16 ESA EM Gold HCC4094BK1 0.70 HCC4094BKG 930602601 ESCC Flight FLAT16 ESA FP Gold 930602601 0.70 HCC4094BKT 930602602 ESCC Flight FLAT16 ESA FP Solder Dip 930602602 0.70 HCC4098B Rad-hard dual monostable multivibrator HCC4098BDG 920600308 ESCC Flight DIL16 FP Gold 920600308 2.20 HCC4098BDT 920600309 ESCC Flight DIL16 FP Solder Dip 920600309 2.20 HCC4098BK1 - Engineering Model FLAT16 ESA EM Gold HCC4098BK1 0.70 HCC4098BKG 920600301 ESCC Flight FLAT16 ESA FP Gold 920600301 0.70 HCC4098BKT 920600302 ESCC Flight FLAT16 ESA FP Solder Dip 920600302 0.70 HCC4512B Rad-hard 8-channel data selec. with 3- state output HCC4512BDG 940800608 ESCC Flight DIL16 FP Gold 940800608 2.20 HCC4512BDT 940800609 ESCC Flight DIL16 FP Solder Dip 940800609 2.20 HCC4512BK1 - Engineering Model FLAT16 ESA EM Gold HCC4512BK1 0.70 HCC4512BKG 940800601 ESCC Flight FLAT16 ESA FP Gold 940800601 0.70 HCC4512BKT 940800602 ESCC Flight FLAT16 ESA FP Solder Dip 940800602 0.70 HCC4514B Rad-hard 4-bit latch / 4-to-16 line decoder output high HCC4514BDG 940801203 ESCC Flight DIL24 large FP Gold 940801203 5.20 HCC4514BDT 940801204 ESCC Flight DIL24 large FP Solder Dip 940801204 5.20 HCC4514BK1 - Engineering Model FLAT24 EM Gold HCC4514BK1 1.70 HCC4514BKG 940801201 ESCC Flight FLAT24 FP Gold 940801201 1.70 HCC4514BKT 940801202 ESCC Flight FLAT24 FP Solder Dip 940801202 1.70 HCC4520B Rad-hard dual binary up-down counter HCC4520BDG 920402808 ESCC Flight DIL16 FP Gold 920402808 2.20 HCC4520BDT 920402809 ESCC Flight DIL16 FP Solder Dip 920402809 2.20 HCC4520BK1 - Engineering Model FLAT16 ESA EM Gold HCC4520BK1 0.70 HCC4520BKG 920402801 ESCC Flight FLAT16 ESA FP Gold 920402801 0.70 HCC4520BKT 920402802 ESCC Flight FLAT16 ESA FP Solder Dip 920402802 0.70 HCC4538B Rad-hard dual precision monostable multivibrator HCC4538BDG 920700708 ESCC Flight DIL16 FP Gold 920700708 2.20 HCC4538BDT 920700709 ESCC Flight DIL16 FP Solder Dip 920700709 2.20 HCC4538BK1 - Engineering Model FLAT16 ESA EM Gold HCC4538BK1 0.70 HCC40xxx, HCC45xxx Ordering information DS6709 - Rev 8 page 11/16 |