| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCC4011B bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4011B bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 16 page ![]() 3 Ordering information Table 4. Order codes Product name Description Commercial Product(1) ESCC specification Quality level Package(2) Lead finish Marking(3) Mass (g) HCC4001B Rad-hard quad 2- input NOR gate HCC4001BDG 920104103 ESCC Flight DIL14 FP Gold 920104103 2.20 HCC4001BDT 920104104 ESCC Flight DIL14 FP Solder Dip 920104104 2.20 HCC4001BK1 - Engineering Model FLAT14 ESA EM Gold HCC4001BK1 0.70 HCC4001BKG 920104101 ESCC Flight FLAT14 ESA FP Gold 920104101 0.70 HCC4001BKT 920104102 ESCC Flight FLAT14 ESA FP Solder Dip 920104102 0.70 HCC4002B Rad-hard dual 4- input NOR gate HCC4002BDG 920104203 ESCC Flight DIL14 FP Gold 920104203 2.20 HCC4002BDT 920104204 ESCC Flight DIL14 FP Solder Dip 920104204 2.20 HCC4002BKG 920104201 ESCC Flight FLAT14 ESA FP Gold 920104201 0.70 HCC4002BKT 920104202 ESCC Flight FLAT14 ESA FP Solder Dip 920104202 0.70 HCC40106B Rad-hard hex Schmitt trigger HCC40106BDG 940900503 ESCC Flight DIL14 FP Gold 940900503 2.20 HCC40106BDT 940900504 ESCC Flight DIL14 FP Solder Dip 940900504 2.20 HCC40106BK1 - Engineering Model FLAT14 ESA EM Gold HCC40106BK1 0.70 HCC40106BKG 940900501 ESCC Flight FLAT14 ESA FP Gold 940900501 0.70 HCC40106BKT 940900502 ESCC Flight FLAT14 ESA FP Solder Dip 940900502 0.70 HCC40109B Rad-hard quad low- to-high voltage level shifter HCC40109BDG 940700308 ESCC Flight DIL16 FP Gold 940700308 2.20 HCC40109BDT 940700309 ESCC Flight DIL16 FP Solder Dip 940700309 2.20 HCC40109BK1 - Engineering Model FLAT16 ESA EM Gold HCC40109BK1 0.70 HCC40109BKG 940700301 ESCC Flight FLAT16 ESA FP Gold 940700301 0.70 HCC40109BKT 940700302 ESCC Flight FLAT16 ESA FP Solder Dip 940700302 0.70 HCC4011B Rad-hard quad 2- input NAND gate HCC4011BDG 920104303 ESCC Flight DIL14 FP Gold 920104303 2.20 HCC4011BDT 920104304 ESCC Flight DIL14 FP Solder Dip 920104304 2.20 HCC4011BK1 - Engineering Model FLAT14 ESA EM Gold HCC4011BK1 0.70 HCC4011BKG 920104301 ESCC Flight FLAT14 ESA FP Gold 920104301 0.70 HCC4011BKT 920104302 ESCC Flight FLAT14 ESA FP Solder Dip 920104302 0.70 HCC40xxx, HCC45xxx Ordering information DS6709 - Rev 8 page 5/16 |