công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY2PP3115AI bảng dữ liệu(PDF) 3 Page - Cypress Semiconductor

tên linh kiện CY2PP3115AI
Giải thích chi tiết về linh kiện  1:15 Differential Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2PP3115AI bảng dữ liệu(HTML) 3 Page - Cypress Semiconductor

  CY2PP3115AI Datasheet HTML 1Page - Cypress Semiconductor CY2PP3115AI Datasheet HTML 2Page - Cypress Semiconductor CY2PP3115AI Datasheet HTML 3Page - Cypress Semiconductor CY2PP3115AI Datasheet HTML 4Page - Cypress Semiconductor CY2PP3115AI Datasheet HTML 5Page - Cypress Semiconductor CY2PP3115AI Datasheet HTML 6Page - Cypress Semiconductor CY2PP3115AI Datasheet HTML 7Page - Cypress Semiconductor CY2PP3115AI Datasheet HTML 8Page - Cypress Semiconductor CY2PP3115AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRELIMINARY
FastEdge™ Series
CY2PP3115
Document #: 38-07502 Rev.*A
Page 3 of 12
.
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VCC
Supply Voltage
Non-Functional
–0.3
4.6
VDC
VCC
Operating Voltage
Functional
2.5 – 5%
3.3 + 5%
VDC
VBB
Output Reference Voltage
Relative to VCC
VCC–1.620
Vcc–1.220
VDC
IBB
Output Reference Current
Relative to VBB
200
uA
VTT
Output Termination Voltage
Relative to VCC
VCC–2
VDC
VIN
Input Voltage
Relative to VCC
–0.3
VCC+0.3
VDC
VOUT
Output Voltage
Relative to VCC
–0.3
VCC+0.3
VDC
LUI
Latch-up Immunity
Functional
300
mA
TS
Temperature, Storage
Non-functional
–65
+150
°C
TA
Temperature, Operating Ambient
Functional
–40
+85
°C
ØJc
Dissipation, Junction to Case
Functional
40
60
°C/W
ØJa
Dissipation, Junction to Ambient
Functional
40
100
°C/W
ESDh
ESD Protection (Human Body Model)
2000
V
MSL
Moisture Sensitivity Level
3
N.A.
GATES
Total Functional Gate Count
Assembled Die
50
Ea.
UL–FLM
Flammability Rating
@ 1/8 in.
V–0
N.A.
PECL DC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
Control (FSEL(A,B,C),CLK_SEL, MR and FSELD) (PECL Single-ended)
VCC2.5V
2.5 Operating Voltage
2.5V ± 5%, VEE = 0.0V
2.375
2.625
V
VCC3.3V
3.3 Operating Voltage
3.3V ± 5%, VEE = 0.0V
3.135
3.465
V
VIL
Input Voltage, Low
VCC–1.945
VCC–1.625
V
VIH
Input Voltage, High
VCC–1.165
VCC–0.880
V
IIN
Input Current[4]
VIL = VILmin. or VIH = VIHmax
at VCC = 3.6V
I150I
uA
Clock input pair CLK0, CLK0#,CLK1,CLK1# (PECL Differential Signals)
VPP
Differential input voltage[5]
Differential operation
0.1
1.3
V
VCMR
Differential cross point voltage[6]
Differential operation
1.2
VCC
V
IIN
Input Current[4]
VIL = VILmin. or VIH = VIHmax
at VCC = 3.6V
I150I
uA
PECL Outputs QA((0:1),#),QB((0:2),#),QC((0:3),#),QD((0:5),#)(PECL Differential Signals)
VOH
Output High Voltage
IOH = –30 mA[7]
VCC–1.2
VCC–0.7
V
VOL
Output Low Voltage
VCC = 3.3V ± 5%, VCC = 2.5V ± 5%
IOL = –5 ma[7]
VCC–1.945
VCC –1.945
VCC–1.5
VCC–1.3
V
Supply Current and VBB
IEE
Maximum Quiescent Supply Current
without output termination current[8]
VEE pin
–
200
mA
VBB[9]
Output reference voltage
IBB = 200 uA[12]
VCC–1.620
VCC–1.220
V
CIN
Input pin capacitance
–
2.0
pF
LIN
Pin Inductance
–
1.0
nH
Notes:
4.
Input have internal pull-up/pull-down or biasing resistors which affect the input current.
5.
VPP (DC) is the minimum differential input voltage swing required to maintain device functionality.
6.
VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC) range and the input
swing lies within the VPP (DC) specification.
7.
Equivalent to a termination of 50
Ω to VTT.
8.
ICC Calculation: ICC = (number of differential output pairs used) x (IOH + IOL) + IEE orICC = (number of differential output pairs used) x (VOH–VTT)/Rload +
(VOL–-VTT)/Rload +IEE.
9.
VBB is limited to VCC of 3.3V only. See note 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com