| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5553AVR80 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5553AVR80 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc |
|
3 / 60 page ![]() Ordering Information MPC5553 Microcontroller Data Sheet, Rev. 0 Preliminary—Subject to Change Without Notice Freescale Semiconductor 3 2 Ordering Information Figure 1. MPC5500 Family Part Number Example Table 1. Orderable Part Numbers Freescale Part Number Description Speed (MHz) Max Speed1 (MHz) (fMAX) Temperature MPC5553MVR132 MPC5553 Lead free 416 package 132 132 -40° C to 125° C MPC5553MZP132 MPC5553 Lead 416 package 132 132 -40° C to 125° C MPC5553MVZ132 MPC5553 Lead free 324 package 132 132 -40° C to 125° C MPC5553MZQ132 MPC5553 Lead 324 package 132 132 -40° C to 125° C MPC5553MVF132 MPC5553 Lead 208 package 132 132 -40° C to 125° C MPC5553MVM132 MPC5553 Lead free 208 package 132 132 -40° C to 125° C MPC5553MVR112 MPC5553 Lead free 416 package 112 114 -40° C to 125° C MPC5553MZP112 MPC5553 Lead 416 package 112 114 -40° C to 125° C MPC5553MVZ112 MPC5553 Lead free 324 package 112 114 -40° C to 125° C MPC5553MZQ112 MPC5553 Lead 324 package 112 114 -40° C to 125° C MPC5553MVF112 MPC5553 Lead 208 package 112 114 -40° C to 125° C MPC5553MVM112 MPC5553 Lead free 208 package 112 114 -40° C to 125° C MPC5553MVR80 MPC5553 Lead free 416 package 80 82 -40° C to 125° C MPC5553MZP80 MPC5553 Lead 416 package 80 82 -40° C to 125° C MPC5553MVZ80 MPC5553 Lead free 324 package 80 82 -40° C to 125° C MPC5553MZQ80 MPC5553 Lead 324 package 80 82 -40° C to 125° C MPC M 80 R2 Qualification Status Core Code Device Number Temperature Range Package Identifier Operating Frequency (MHz) Tape and Reel Status Temperature Range M = -40° C to 125° C A = -55° C to 125° C Package Identifier ZP = 416PBGA SnPb VR = 416PBGA Pb-free VF = 208MAPBGA SnPb VM = 208MAPBGA Pb-free ZQ = 324PBGA SnPb VZ = 324PBGA Pb-free Operating Frequency 80 = 80MHz 112 = 112MHz 132 = 132MHz Note: Not all options are available on all devices. Refer to Table 1. Tape and Reel Status R2 = Tape and Reel (blank) = Trays Qualification Status P = Pre Qualification M = Full Spec Qualified 5553 ZP |