công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IR2E19/N bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện IR2E19/N
Giải thích chi tiết về linh kiện  LED for Bar Graphic Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

IR2E19/N bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  IR2E19/N Datasheet HTML 1Page - List of Unclassifed Manufacturers IR2E19/N Datasheet HTML 2Page - List of Unclassifed Manufacturers IR2E19/N Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
128
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
LED Driver IC for Bar Graphic Display
s Driver IC
12
7
5
GL112R9 series
GL112R13 series
GL107R8 series
GL107R12 series
GL105R8 series
GL105R11 series
12
5+7
7
3+4
5
2+3
1
2
1
1
2
1
1
2
1
IR2E16
IR2432
IR2E30
IR2E41
IR2E05
IR2E10
IR2406
IR2406G
IR2433
IR2431
IR2E44
IR2E20
IR2E43
IR2E38
IR2E19/N
IR2E28
IR2E09
IR2E02
IR2E29
IR2E13
IR2E31/A
IR2E32N9
IR2E27A
IR2E01
IR2E24
VU
Linear
Logarithm
VU
VU
Linear
VU
Logarithm
VU
-20 to +6
-20 to +8
-20 to +10
-30 to +6
12 steps
-44 to 0
-20 to +8
-40 to +10
-20 to +8
-20 to +6
7 steps
-20 to +6
-42 to 0
-15 to +3
-10 to +6
1
1
2
1
2
1
1
1
1
2
1
1
2
1
1
1
1
2
2
1
2
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
22DIP
16DIP
28SDIP
22DIP
16DIP
16SOP
22DIP
9SIP
14SOP
16DIP
Number of dots LED for bar graphic display
Display
Dot configuration
CH
Model No.
Scale
(dB)
Peak hold
Package
* There are no specific driver ICs for 6 dots, 4 dots, 3 dots. Please select alternative driver ICs of 7 dots, 5 dots, 5 dots.
16DIP



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com