công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMCC016A bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện AMCC016A
Giải thích chi tiết về linh kiện  AMCC Series Cut Core FINEMET® F3CC Series Cut Core
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

AMCC016A bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  AMCC016A Datasheet HTML 1Page - List of Unclassifed Manufacturers AMCC016A Datasheet HTML 2Page - List of Unclassifed Manufacturers AMCC016A Datasheet HTML 3Page - List of Unclassifed Manufacturers AMCC016A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
使用温度範囲:-20∼+155℃
(自己温度上昇を含む)
Operating temperature :-20∼+155℃
( including self temperature rise )
*注 意1: これらデータはAMCC-63およびF3CC0063
に相当する形状の値です。
*Note1: These data shows value of the shape
corresponding to AMCC-63 and F3CC0063.
図3 カットコア形状
Fig. 3 Shape of cut core
A
A
D
B
E
図2 各種カットコアのコアロス特性
Fig. 2 Core loss of various cut cores
図1 各種カットコアの直流重畳特性*
Fig. 1 DC superposition characteristics of various cut cores*
®
®
®
®
Features
Applications
Inductors ( choke coils ) for power conditioner of photovoltaic, wind power generator, fuel cell.
Inductors for boost/down converter of HEV, FCV, UPS, etc.
Low Core Loss
AMCC series and F3CC series cut cores have much lower core loss than those made of other magnetic metallic
materials.
High Operation Flux Density
BS=
BS=
AMCC series and F3CC series cut cores allow designing applications with high operation flux density due to
high saturation flux density ( AMCC series : BS=1.56T, F3CC series : BS=1.23T ) and lower core loss property.
High Operation Temperature
AMCC series and F3CC series cut cores can be used in class F insulation grade (155



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com