công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT8088AWSC bảng dữ liệu(PDF) 4 Page - Richtek Technology Corporation

tên linh kiện RT8088AWSC
Giải thích chi tiết về linh kiện  2.7MHz 3A Step-Down Converter with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8088AWSC bảng dữ liệu(HTML) 4 Page - Richtek Technology Corporation

  RT8088AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
DS8088A-01 August 2017
www.richtek.com
RT8088A
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------
−0.3V to 6.5V
Other Pins ------------------------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
Power Dissipation, PD @ TA = 25
°C
WL-CSP-15B 1.31x2.11 (BSC) --------------------------------------------------------------------------------- 2W
Package Thermal Resistance (Note 2)
WL-CSP-15B 1.31x2.11 (BSC),
θJA ---------------------------------------------------------------------------- 49.8°C/W
Junction Temperature ---------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------ 260
°C
Storage Temperature Range -------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ---------------------------------------------------------------------------------------- 2.5V to 5.5V
Junction Temperature Range -------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
(VIN = 3.7V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Under-Voltage Lockout
Threshold
VUVLO
VCC Rising
--
2.35
--
V
Shutdown Supply Current
ISHDN
EN = 0V
--
1
5
A
Quiescent Current
IQ
Active, VSENSE = 0.9V, No Switching
--
75
100
A
Voltage Reference
VREF
At any set point, with a load from 0
to 3A and over input voltage range
2
--
2
%
Soft-Start Time
tSS
--
--
150
s
Logic-High
VEN_H
Rising
1.05
--
--
Enable Input
Voltage
Logic-Low
VEN_L
Falling
--
--
0.4
V
High-Side
RONH
--
48
--
Switch
On-Resistance
Low-Side
RONL
--
22
--
m
Current Limit Threshold
ICL
Valley Current, IPEAK [1:0] = 11
--
3.9
--
A
Thermal Shutdown Threshold
TS
--
150
--
C
Switching Frequency
fOSC
--
2.7
--
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com