công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M61041FP bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện M61041FP
Giải thích chi tiết về linh kiện  4-Battery Version, No Reset Pin
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61041FP bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button M61041FP Datasheet HTML 9Page - Renesas Technology Corp M61041FP Datasheet HTML 10Page - Renesas Technology Corp M61041FP Datasheet HTML 11Page - Renesas Technology Corp M61041FP Datasheet HTML 12Page - Renesas Technology Corp M61041FP Datasheet HTML 13Page - Renesas Technology Corp M61041FP Datasheet HTML 14Page - Renesas Technology Corp M61041FP Datasheet HTML 15Page - Renesas Technology Corp M61041FP Datasheet HTML 16Page - Renesas Technology Corp M61041FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
M61041FP
Rev.1.0, Sep.19.2003, page 13 of 28
Description of Circuit Blocks
(1) Battery Voltage Detect Circuit
As shown in figure 6, the battery voltage detect circuit block of the M61041FP consists of switches, a buffer
amplifier, a reference voltage circuit, and a logic circuit.
When the voltage to be detected is selected, based on serial data from the microprocessor, the appropriate switch
connections are determined by the logic circuit. The voltages Vbat1, Vbat2, Vbat3, and Vbat4 from the batteries
connected to the M61041FP, multiplied by Gamp1 (1.0), are output from the Analog_out pin. It is also possible to
output an offset voltage.
In the power-save mode all the switches are turned off, so the current consumption of this circuit block is zero.
Note : The settling time of this circuit block after voltage changes is about 50 µs.
GND
VIN_4
VIN_3
VIN_1
VIN_2
Vbat4
Vbat3
Vbat2
Vbat1
S01
S02
S42
S41
S32
S31
Switch control
From serial/parallel
converter circuit
Logic circuit
S22
S21
S11
Voff
GND
to Analog_Out
R2
R1
R1
R2
R2=R1
Figure 6 Battery Voltage Detect Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com