công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCP8530 bảng dữ liệu(PDF) 3 Page - Hosiden Corporation

tên linh kiện TCP8530
Giải thích chi tiết về linh kiện  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOSIDEN [Hosiden Corporation]
Trang chủ  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8530 bảng dữ liệu(HTML) 3 Page - Hosiden Corporation

  TCP8530 Datasheet HTML 1Page - Hosiden Corporation TCP8530 Datasheet HTML 2Page - Hosiden Corporation TCP8530 Datasheet HTML 3Page - Hosiden Corporation TCP8530 Datasheet HTML 4Page - Hosiden Corporation TCP8530 Datasheet HTML 5Page - Hosiden Corporation TCP8530 Datasheet HTML 6Page - Hosiden Corporation TCP8530 Datasheet HTML 7Page - Hosiden Corporation TCP8530 Datasheet HTML 8Page - Hosiden Corporation TCP8530 Datasheet HTML 9Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
2
Pin & Contact Arrangements /Specifications for Standard Cables
Pin & Contact Arrangement
9P Connectors Pin & Contact Arrangement
7P/ 9P Connectors(TCP8939)Pin & Contact Arrangement
Number of Pins
3
4
5a
6
7
8a
8b
Plugs
3
1
2
3
4
1
2
4
5
2
1
3
(Front View)
5
6
3
1
2
4
5
6
7
3
1
2
4
6
7
8
3
4
1
2
5
6
7
8
3
4
1
2
5
Number of Contacts
3
4
5a
6
7
8a
8b
Sockets
3
2
1
4
3
2
1
5
4
3
2
1
(Front View)
6
5
4
3
1
2
7
5
6
4
3
1
2
8
6
7
5
3
4
1
2
8
6
5
3
7
4
1
2
Number of Pins
9
Plugs
9
8
7
3
1
2
4
5
6
Number of Contacts
9
Sockets
9
8
7
3
4
5
1
2
6
Number of Pins
7
9
Plugs
4
7
3
1
5
6 2
8
7
6
3
1
2
4
9 5
Number of Contacts
7
9
Sockets
4
7
3
1
5
6
2
8
7
6
3
4
9
1
2
5
Specification for Standard Cords
A.ULStandards
UL2835(60˚C 30V VW-1)
B.Shielding
Overall shielding,90% braided wire
C.Number of conductors
5 or 8
D.Color
Black(semigloss)
Gray #1 (Ivory) semigloss
Gray #2 (Ivory) semigloss
E.Cable Diameter
∅4.8mm
Reference:
Cable colors should be assigned according to pin numbers as shown below.
Pin No.
Number of Conductors
3
45
6
7
8
1
Red
Red
Red
Red
Red
Red
2
White
White
White
White
White
White
3
Black
Black
Black
Black
Black
Black
4
Yellow
Yellow
Yellow
Yellow
Yellow
5
Blue
Blue
Blue
Blue
6
Green
Green
Green
7
Brown
Brown
8
Gray
Remarks
5-conductor cable is used.
(In case of 3 pin, unnecessary conductors to be cut.)
8-conductor cable is used.
(In case of 6 pin and 7 pin, unnecessary conductors to be cut.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com