công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT9933 bảng dữ liệu(PDF) 4 Page - Supertex, Inc

tên linh kiện AT9933
Giải thích chi tiết về linh kiện  Hysteretic Boost-Buck (cuk) LED Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUTEX [Supertex, Inc]
Trang chủ  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AT9933 bảng dữ liệu(HTML) 4 Page - Supertex, Inc

  AT9933 Datasheet HTML 1Page - Supertex, Inc AT9933 Datasheet HTML 2Page - Supertex, Inc AT9933 Datasheet HTML 3Page - Supertex, Inc AT9933 Datasheet HTML 4Page - Supertex, Inc AT9933 Datasheet HTML 5Page - Supertex, Inc AT9933 Datasheet HTML 6Page - Supertex, Inc AT9933 Datasheet HTML 7Page - Supertex, Inc AT9933 Datasheet HTML 8Page - Supertex, Inc AT9933 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
AT9933
Pin Description
Pin Number
Pin
Description
1
VIN
This pin is the input of a 8 - 100V voltage regulator.
2
CS1
These pins are used to sense the input and output currents of the boost-buck converter.
They are the non-inverting inputs of the internal comparators.
7
CS2
3
GND
Ground return for all the internal circuitry. This pin must be electrically connected to the
ground of the power train.
4
GATE
This pin is the output gate driver for an external N-channel power MOSFET.
5
PWMD
When this pin is left open or pulled to GND, the gate driver is disabled. Pulling the pin to
a voltage greater than 2V will enable the gate drive output.
6
VDD
This is a power supply pin for all internal circuits. It must be bypassed to GND with a low
ESR capacitor greater than 0.1µF.
8REF
This pin provides accurate reference voltage. It must be bypassed with a 0.01 - 0.1µF
capacitor to GND.
Block Diagram
Regulator
7.5V
VIN
CS1
CS2
PWMD
GATE
VDD
REF
GND
1.25V
AT9933
Input Comparator
Output Comparator
0mV
100mV



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com