công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F2UGRSP01AAUBC bảng dữ liệu(PDF) 2 Page - ITT Industries

tên linh kiện F2UGRSP01AAUBC
Giải thích chi tiết về linh kiện  Pushbutton Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

F2UGRSP01AAUBC bảng dữ liệu(HTML) 2 Page - ITT Industries

  F2UGRSP01AAUBC Datasheet HTML 1Page - ITT Industries F2UGRSP01AAUBC Datasheet HTML 2Page - ITT Industries F2UGRSP01AAUBC Datasheet HTML 3Page - ITT Industries F2UGRSP01AAUBC Datasheet HTML 4Page - ITT Industries F2UGRSP01AAUBC Datasheet HTML 5Page - ITT Industries F2UGRSP01AAUBC Datasheet HTML 6Page - ITT Industries F2UGRSP01AAUBC Datasheet HTML 7Page - ITT Industries F2UGRSP01AAUBC Datasheet HTML 8Page - ITT Industries F2UGRSP01AAUBC Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
A–90
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
A
C&K F Series
Pushbutton Switches
Designation
SF F Series
ZF Central mounted F series
Terminal Style
(NONE) Solder lugs &
PC pins
LB Cut solder lugs
PB Cut PC pins, for other
configurations,
consult factory
Electrical Function
(NONE) BBM
Contact Material
(NONE) Silver, AG
P Gold
Dress nut*
*Central mounted F series only
(NONE) No dress nut
B
Black
C
Chrome
Mechanical Function
OA Momentary
EE Alternate (push-push)
GR Interlock
Contact Arrangement
2U 2PDT
4U 4PDT
6U 6PDT
8U BPDT
Style
F01 FMR
F02 FG*
F12 FSC
F13 FSD
F14 FU12
F15 FSB
F16 FE
F19 FA
F21 F001
Button Color
01 Black
02 White
03 Red
04 Light gray
*Minimum order quantities apply.
European Order Code - Switch Only
Order Code - Buttons
Solid Buttons
Mechanical Indicator Buttons
Style
F01 FA100
F02 FA101
F07 FA120
F08 FA2O1
F11 FA200*
Shell Color
01 Black
Out Position Color
01 Black
In Position Color
02 White
06 Yellow
07 Blue
08 Green
12 Orange
*Button options for central mounting configurations,
use ‘FG’ for central mount with chrome dress nut,
use ‘FA200’ for central mount with black dress nut.
BUTTON REMOVAL
A button of a push-push switch should only be
removed in the “OFF” non-latching position.



Html Pages

1 2 3 4 5 6 7 8 9 10