| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F2UOATB01BBC bảng dữ liệu(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
F2UOATB01BBC bảng dữ liệu(HTML) 2 Page - ITT Industries |
|
2 / 10 page ![]() A–90 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ittcannon.com A C&K F Series Pushbutton Switches Designation SF F Series ZF Central mounted F series Terminal Style (NONE) Solder lugs & PC pins LB Cut solder lugs PB Cut PC pins, for other configurations, consult factory Electrical Function (NONE) BBM Contact Material (NONE) Silver, AG P Gold Dress nut* *Central mounted F series only (NONE) No dress nut B Black C Chrome Mechanical Function OA Momentary EE Alternate (push-push) GR Interlock Contact Arrangement 2U 2PDT 4U 4PDT 6U 6PDT 8U BPDT Style F01 FMR F02 FG* F12 FSC F13 FSD F14 FU12 F15 FSB F16 FE F19 FA F21 F001 Button Color 01 Black 02 White 03 Red 04 Light gray *Minimum order quantities apply. European Order Code - Switch Only Order Code - Buttons Solid Buttons Mechanical Indicator Buttons Style F01 FA100 F02 FA101 F07 FA120 F08 FA2O1 F11 FA200* Shell Color 01 Black Out Position Color 01 Black In Position Color 02 White 06 Yellow 07 Blue 08 Green 12 Orange *Button options for central mounting configurations, use ‘FG’ for central mount with chrome dress nut, use ‘FA200’ for central mount with black dress nut. BUTTON REMOVAL A button of a push-push switch should only be removed in the “OFF” non-latching position. |