| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN65MLVD2 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN65MLVD2 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 17 page ![]() www.ti.com PARAMETER MEASUREMENT INFORMATION (V A+V B)/2 V A V B VO V CM V ID R A B IA IB IO SN65MLVD2 SN65MLVD3 SLLS767 – NOVEMBER 2006 Figure 1. Receiver Voltage and Current Definitions Table 1. Type-1 Receiver Input Threshold Test Voltages RESULTING RESULTING DIFFERENTIAL APPLIED VOLTAGES COMMON-MODE INPUT RECEIVER INPUT VOLTAGE VOLTAGE OUTPUT(1) VIA VIB VID VIC 2.400 0.000 2.400 1.200 H 0.000 2.400 – 2.400 1.200 L 3.400 3.365 0.035 3.3825 H 3.365 3.400 – 0.035 3.3825 L –0.965 –1 0.035 –0.9825 H –1 –0.965 – 0.035 –0.9825 L (1) H= high level, L = low level, output state assumes receiver is enabled (RE = L) Table 2. Type-2 Receiver Input Threshold Test Voltages RESULTING RESULTING DIFFERENTIAL APPLIED VOLTAGES COMMON-MODE INPUT RECEIVER INPUT VOLTAGE VOLTAGE OUTPUT(1) VIA VIB VID VIC 2.400 0.000 2.400 1.200 H 0.000 2.400 – 2.400 1.200 L 3.400 3.265 0.135 3.3325 H 3.4000 3.335 0.065 3.3675 L –0.865 –1 0.135 –0.9325 H –0.935 –1 0.065 –0.9675 L (1) H= high level, L = low level, output state assumes receiver is enabled (RE = L) 7 Submit Documentation Feedback |