| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F2UGRSP01AMAU bảng dữ liệu(PDF) 3 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
F2UGRSP01AMAU bảng dữ liệu(HTML) 3 Page - ITT Industries |
|
3 / 10 page ![]() A–91 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ittcannon.com Third Angle Projection A C&K F Series Pushbutton Switches SWITCHES WITH STANDARD OPTIONS Order Code - Chassis To order a switch with chassis, create the switch part number listed above and add the Chassis part number configurator information at the end of the part number. Note: We do not guarantee or recommend interlocking beyond 10 stations. No. of Stations 01 thru 23 Comes with standard .094 (2,4mm) mounting holes Note: Single station chassis available with special mounting configurations, consult factory. Spacing between Stations 00 Single station 10 10mm 12.5 12.5mm 15 15mm 17.5 17.5mm 20 20mm Special Acknowledgements See note C *Minimum order quantities apply. 2U 0.827 (21,00) 4U 1.300 (33,00) 6U 1.770 (45,00) 8U 2.240 (57,00) 10U 2.720 (69,00) LENGTH DIM ‘L’ CONTACT ARRANGEMENT 2U 0.827 (21,00) 4U 1.300 (33,00) 6U 1.770 (45,00) 8U 2.240 (57,00) 10U 2.720 (69,00) LENGTH DIM ‘L’ CONTACT ARRANGEMENT ZF2UEEBF11010108 F2UEE |