công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SRCOOL3KTP bảng dữ liệu(PDF) 2 Page - Tripp Lite. All Rights Reserved

tên linh kiện SRCOOL3KTP
Giải thích chi tiết về linh kiện  Top-of-Rack Precision Cooling Air Conditioner: 3.5 kW (12 kBTU), 208/240V, 9U
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCOOL3KTP bảng dữ liệu(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SRCOOL3KTP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCOOL3KTP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRCOOL3KTP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
1000 Eaton Boulevard
Cleveland, OH 44122
United States
LX Platform Remote Network Interface Offers 24/7 Monitoring and Control
The built-in LX Platform’s PowerAlert® Device Manager allows round-the-clock management of the
SRCOOL3KTP. You can configure settings, events and actions, as well as power the unit on and off or
graph temperatures over time without being on site. You can also receive configurable alarm notifications
via email, SMS or SMNP. The SRCOOL3KTP will restart automatically after a power failure.
OVERVIEW
UPC Code
037332250636
INPUT
Electrical Consumption (Max)
3536 Watts
Nominal Input Voltage(s) Supported
208V AC
Input Connection Type
Hardwire
Input Frequency
60 HZ
COOLING
Cooling Type
Active
Airflow
Evaporator = 600 m3/h / Condenser = 600 m3/h
Cooling Capacity (BTUs)
12000
Cooling Capacity (kW)
3.5
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
Touch sensitive control panel with multiple LEDs and numerical temperature readout
PHYSICAL
Color
Black
Material of Construction
Steel
Form Factors Supported
Rackmount
Shipping Dimensions (hwd / in.)
22.58 x 29.58 x 50.00
Shipping Dimensions (hwd / cm)
57.35 x 75.13 x 127.00
Unit Dimensions (hwd / in.)
15.400 x 23.600 x 43.300
Unit Dimensions (hwd / cm)
39.12 x 59.94 x 50
Unit Weight (lbs.)
168
Unit Weight (kg)
76.20
ENVIRONMENTAL
Audible Noise
57 dBA
2 / 3



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com