công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC2G14DBVR bảng dữ liệu(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

tên linh kiện SN74LVC2G14DBVR
Giải thích chi tiết về linh kiện  SN74LVC2G14
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Trang chủ  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC2G14DBVR bảng dữ liệu(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SN74LVC2G14DBVR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The SN74LVC2G14 is a high performance
dual inverter with Schmitt
−Trigger inputs operating
from a 1.65 to 5.5 V supply. Pin configuration and
function are the same as the SN74LVC2G04, but
the inputs have hysteresis and, with its Schmitt
trigger function, the SN74LVC2G14 can be used
as a line receiver which will receive slow input
signals.
The SN74LVC2G14 is capable of transforming
slowly changing input signals into sharply defined,
jitter
−free output signals. In addition, it has a
greater noise margin than conventional inverters.
The SN74LVC2G14 has hysteresis between
the positive
−going and the negative−going input
thresholds (typically 1V) which is determined
internally by transistor radios and is essentially
insensitive to temperature and supply voltage
variations.
Features
● Designed for 1.65V to 5.5V VCC Operation
● Over Voltage Tolerant Inputs and Outputs
● LVTTL Compatibl
e − Interface Capability with
5 V TTL Logic with VCC = 3V
● LVCMOS Compatible
● 24 mA Balanced Output Sink and Source Capability
● Near Zero Static Supply Current Substantially Reduces
System Power Requirements
● Current Drive Capability is 24 mA at the Outputs
● Chip Complexity: FET = 72
● These Devices are P
b−Free and are RoHS Compliant
Pin Configuration
UMW R
SN74LVC2G14
www.umw-ic.com
1
UTD Semiconductor Co.,Limited


Số phần tương tự - SN74LVC2G14DBVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74LVC2G14DBVR TI-SN74LVC2G14DBVR Datasheet
386Kb / 15P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14DBVR TI-SN74LVC2G14DBVR Datasheet
432Kb / 14P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14DBVR TI-SN74LVC2G14DBVR Datasheet
584Kb / 15P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14DBVR TI1-SN74LVC2G14DBVR Datasheet
1Mb / 24P
Dual Schmitt-Trigger Inverter
SN74LVC2G14DBVR TI1-SN74LVC2G14DBVR Datasheet
1Mb / 24P
Dual Schmitt-Trigger Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com