công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F2UGR01A bảng dữ liệu(PDF) 3 Page - ITT Industries

tên linh kiện F2UGR01A
Giải thích chi tiết về linh kiện  Pushbutton Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

F2UGR01A bảng dữ liệu(HTML) 3 Page - ITT Industries

  F2UGR01A Datasheet HTML 1Page - ITT Industries F2UGR01A Datasheet HTML 2Page - ITT Industries F2UGR01A Datasheet HTML 3Page - ITT Industries F2UGR01A Datasheet HTML 4Page - ITT Industries F2UGR01A Datasheet HTML 5Page - ITT Industries F2UGR01A Datasheet HTML 6Page - ITT Industries F2UGR01A Datasheet HTML 7Page - ITT Industries F2UGR01A Datasheet HTML 8Page - ITT Industries F2UGR01A Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
A–91
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
A
C&K F Series
Pushbutton Switches
SWITCHES WITH STANDARD OPTIONS
Order Code - Chassis
To order a switch with chassis, create the switch part number listed above and add the Chassis part number configurator
information at the end of the part number.
Note: We do not guarantee or recommend interlocking beyond 10 stations.
No. of Stations
01 thru 23 Comes with standard
.094 (2,4mm) mounting holes
Note: Single station chassis
available with special mounting
configurations, consult factory.
Spacing between Stations
00
Single station
10
10mm
12.5
12.5mm
15
15mm
17.5
17.5mm
20
20mm
Special Acknowledgements
See note
C
*Minimum order quantities apply.
2U
0.827 (21,00)
4U
1.300 (33,00)
6U
1.770 (45,00)
8U
2.240 (57,00)
10U
2.720 (69,00)
LENGTH
DIM ‘L’
CONTACT
ARRANGEMENT
2U
0.827 (21,00)
4U
1.300 (33,00)
6U
1.770 (45,00)
8U
2.240 (57,00)
10U
2.720 (69,00)
LENGTH
DIM ‘L’
CONTACT
ARRANGEMENT
ZF2UEEBF11010108
F2UEE



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com