| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PUMB20 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PUMB20 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 12 page ![]() 3 As automotive manufacturers strive to enhance safety, performance, comfort and fuel-efficiency levels, the semiconductor content of vehicles is rising and electronic systems are becoming more complex. Consequently, system suppliers must meet increasingly severe requirements. Building on our expertise in both automotive and small-signal discretes solutions, Philips offers an extensive portfolio of discrete components that help suppliers meet the rigorous and diverse technical demands on automotive electronics.The wide portfolio enables automotive designers to be flexible in their designs. By means of integrated products the component count is decreased and thus costs can be reduced. Key families - Low V CEsat (BISS) transistors - Resistor-equipped transistors (RETs) - Complex discretes • BISS Loadswitches • Matched pair transistors • MOSFET drivers - Low V F (MEGA) Schottky rectifiers - ESD protection diodes Key benefits - More power - Lower costs - More functionality - Improved reliability - Automotive packages Automotive small-signal discretes solutions All our new products are released in the well-known SOT23 package, as well as in smaller packages like SOT323 (SC-70), SOD323 (SC-76) and SOD323F (SC-90).To support the trend towards integration also multiple transistors and diodes are available integrated into just a single package like SOT457 (SC-74) and SOT363 (SC-88). Philips has all the technologies in place to lead the way in small-signal discretes products, allowing to develop automotive applications that will drive the future. |