công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB04L2NCGD bảng dữ liệu(PDF) 6 Page - ITT Industries

tên linh kiện MB04L2NCGD
Giải thích chi tiết về linh kiện  Half-inch Rotary Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

MB04L2NCGD bảng dữ liệu(HTML) 6 Page - ITT Industries

  MB04L2NCGD Datasheet HTML 1Page - ITT Industries MB04L2NCGD Datasheet HTML 2Page - ITT Industries MB04L2NCGD Datasheet HTML 3Page - ITT Industries MB04L2NCGD Datasheet HTML 4Page - ITT Industries MB04L2NCGD Datasheet HTML 5Page - ITT Industries MB04L2NCGD Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
L–17
L
C&K M Series
Half-inch Rotary Switches
L
AVAILABLE HARDWARE
One each required for setting stops.
Stop Ring
PART NO.
638100000
INNER-W/SHORT TAB
638101000
OUTER-W/LONG TAB
Washer
PART NO.
586800000
RUBBER PANEL SEAL
537202000
ADHESIVE MYLAR
RETAINS STOP PINS
Stop pins
PART NO.
537100000
NOTE: Additional nuts and lockwashers available separately, see section “Technical Data and Additional Hardware”.
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com



Html Pages

1 2 3 4 5 6